Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX208AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX208AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX208AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX208AL Datasheet HTML 1Page - Sony Corporation ICX208AL Datasheet HTML 2Page - Sony Corporation ICX208AL Datasheet HTML 3Page - Sony Corporation ICX208AL Datasheet HTML 4Page - Sony Corporation ICX208AL Datasheet HTML 5Page - Sony Corporation ICX208AL Datasheet HTML 6Page - Sony Corporation ICX208AL Datasheet HTML 7Page - Sony Corporation ICX208AL Datasheet HTML 8Page - Sony Corporation ICX208AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
– 5 –
ICX208AL
Drive Clock Waveform Conditions
(1) Readout clock waveform
(2) Vertical transfer clock waveform
II
II
100%
90%
10%
0%
VVT
tr
twh
tf
φM
0V
φM
2
V
φ1
V
φ3
V
φ2
V
φ4
VVHH
VVH
VVHL
VVHH
VVHL
VVH1
VVL1
VVLH
VVLL
VVL
VVHH
VVH3
VVHL
VVH
VVHH
VVHL
VVL3
VVL
VVLL
VVLH
VVHH
VVHH
VVH
VVHL
VVHL
VVH2
VVLH
VVL2
VVLL
VVL
VVHH
VVHH
VVHL
VVH4
VVHL
VVH
VVL
VVLH
VVLL
VVL4
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)


Similar Part No. - ICX208AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX208AL SONY-ICX208AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX208AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com