Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02343.15MXP Datasheet(PDF) 1 Page - Littelfuse

Part # 02343.15MXP
Description  234 Series, 5 x 20 mm, Medium-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02343.15MXP Datasheet(HTML) 1 Page - Littelfuse

  02343.15MXP Datasheet HTML 1Page - Littelfuse 02343.15MXP Datasheet HTML 2Page - Littelfuse 02343.15MXP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised: January 7, 2009
301
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
234 Series
5×20 mm > Medium-Acting > 234 Series
Please refer to www.littelfuse.com/series/234.html for current information.
Agency Approvals
Features
Applications
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certificates:
NBK290502-E10480 C
NBK280602-E10480 E
NBK280602-E10480 G
Leaded Certificates:
NBK290502-E10480 H
NBK280602-E10480 F
NBK280602-E10480 H
1A – 3.5A
4A & 5A
6A – 10A
1A – 3.5A
4A & 5A
6A – 10A
Certificates:
SU05001 – 3001
SU05001 – 4001
SU05001 – 2016
1A – 3.15A
3.5A
4A – 10A
Listed File:
E10480
Guide:
JDYX
1A – 10A
File:
029862
Certificate Class:
LR1422-01
ANCE 248 Standard
and axial lead format
Ceramic body for
4-10A
lead-free
Electrical Characteristics for Series
% of Ampere
Rating
Ampere
Rating
OpeningTime
100%
1 – 3.5
4 hours, Minimum
4 – 10
1 hour, Minimum
135%
1 – 3.5
3 sec., Min; 1 hr. Max
4 – 10
3 sec., Min; 1 hr. Max
200%
1 – 3.5
400ms., Min; 2.25 sec. Max
4 – 10
400ms., Min; 4 sec. Max
Amp Code
Ampere
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
001.
1
250
100A @ 250 VAC
10000A @ 125 VAC
0.1750
1.97500
xxxxx
1.25
1.25
250
0.1262
3.39000
xxxxx
01.6
1.6
250
0.0884
6.14000
xxxxx
002.
2
250
0.0684
9.97000
xxxxx
02.5
2.5
250
0.0521
17.04500
xxxxx
003.
3
250
0.0431
26.2400
xxxxx
3.15
3.15
250
0.0380
29.79500
xxxxx
03.5
3.5
250
0.0322
36.27500
xxxxx
004.
4
250
200A @ 250 VAC
10000A @ 125 VAC
0.0304
10.37000
xxxxx
005.
5
250
0.0214
20.64500
xxxxx
006.
6
250
0.0194
33.01500
xxxxx
06.3
6.3
250
0.0168
37.68500
xxxxx
008.
8
250
0.0144
80.67500
xxxxx
010.
10
250
0.0107
129.02500
xxxxx
Electrical Characteristic Specification by Item
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
234 Series, 5 x 20 mm, Medium-Acting Fuse
PS
E
5x20mm medium-acting glass/ceramic body cartridge fuse
designed to UL specification.
Description


Similar Part No. - 02343.15MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
02343.15MXW LITTELFUSE-02343.15MXW Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
02343.15MXW- LITTELFUSE-02343.15MXW- Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
02343.15MXW-ND LITTELFUSE-02343.15MXW-ND Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 02343.15MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02321.25MXEP LITTELFUSE-02321.25MXEP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
02331.25MXE- LITTELFUSE-02331.25MXE- Datasheet
194Kb / 4P
   233 Series, 5 x 20 mm, Medium-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com