Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19193-0159 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 19193-0159
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19193-0159 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  19193-0159 Datasheet HTML 1Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 2Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 3Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 4Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 5Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 6Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 7Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 8Page - Molex Electronics Ltd. 19193-0159 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 8 of 9
Revision: K
Revision Date: 05-06-08
Figure 8
2
7
1
9
8
5
6
4
3
(2)
(2)
(2)
PARTS LIST
Item
Order No
Description
Quantity
64001-3900
Hand Crimp Tool
Figure 8
1
63810-0600
17” Handle (OPT #HS-HAND-432)
1
2
64001-3970
Tooling Kit
1
Tooling Kit Only
3
64001-3901
Conductor Punch/Anvil
1
4
64001-3902
Conductor Punch/Anvil
1
5
64001-3910
Link
2
6
64001-3911
Rocker
1
7
63700-3374
Stripper Bolt
2
8
63700-3375
Nut
2
9
N/A
5/16” - Washer
2**
** The following purchased parts are available from an Industrial supply company such as MSC (1-800-645-7270).


Similar Part No. - 19193-0159

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19193-0118 MOLEX4-19193-0118 Datasheet
85Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
logo
MolexKits
19193-0128 MOLEXKITS-19193-0128 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
19193-0198 MOLEXKITS-19193-0198 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
More results

Similar Description - 19193-0159

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com