Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIM2 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # BIM2
Description  433 / 868MHz FM Data Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM2 Datasheet(HTML) 1 Page - Radiometrix Ltd

  BIM2_12 Datasheet HTML 1Page - Radiometrix Ltd BIM2_12 Datasheet HTML 2Page - Radiometrix Ltd BIM2_12 Datasheet HTML 3Page - Radiometrix Ltd BIM2_12 Datasheet HTML 4Page - Radiometrix Ltd BIM2_12 Datasheet HTML 5Page - Radiometrix Ltd BIM2_12 Datasheet HTML 6Page - Radiometrix Ltd BIM2_12 Datasheet HTML 7Page - Radiometrix Ltd BIM2_12 Datasheet HTML 8Page - Radiometrix Ltd BIM2_12 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd, BIM2/3G Data Sheet
page 1
Features
Data rates up to 128 kbps
Usable range up to 300 m
Versions available on 433.92MHz, 434.42MHz and 868MHz band
Fully screened
Low profile with small footprint
Designed for compliance with EN 300 220-3 (radio) and EN 301 489-3 (EMC) standards
Available for operation at 433.92MHz, 434.42MHz and 868MHz band in the UK and Europe, these modules
combine full screening with extensive internal filtering to ensure EMC compliance by minimising spurious
radiations and susceptibilities. The BIM2/3G module will suit one-to-one and multi-node wireless links in
applications. Because of their small size and low power requirements, the module is ideal for use in portable,
battery-powered applications such as hand-held terminals.
Applications
Data loggers
EPOS equipment, barcode scanners, belt clip printers
Audience response systems
In-building environmental monitoring and control
Security and fire alarms
Restaurant ordering systems
Vehicle data up/download
Technical Summary
Crystal-locked PLL, FM modulated at up to 128 Kbps
+10dBm on 433.92MHz and 868MHz (Dependent on version)
High efficiency, >30%, DC to RF
2nd harmonic, > -60dBc
Single conversion FM superhet receiver
SAW front end filter gives >50dB image rejection
Sensitivity: -102dBm sensitivity @ 1ppm BER, 64kbps version
-108dBm sensitivity @ 1ppm BER, 15kbps version
TBA dBm sensitivity @ 1ppm BER, 128kbps version
RSSI output with 60dB range
Extremely low LO leakage, -125dBm typical
Supply: +5V (± 10%)
Current consumption: 10mA (typ.)
Size: 33 x 23 x 5mm
Evaluation platforms: Universal Evaluation Kit, NBEK + DIL carrier
The BIM2/3G data radio module is a PLL
synthesiser
based
miniature
PCB
mounting UHF radio transceiver which
enable the simple implementation of a
wireless data link at up to 128 kbps at
distances up to 75 metres in-building
and 300 metres open ground.
433 / 868MHz FM Data Transceiver
Issue 1, 27 July 2012
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
BiM2/BiM3G
Figure 1: BIM2G-869-64-5V


Similar Part No. - BIM2_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
More results

Similar Description - BIM2_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2_13 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
BIM2G RADIOMETRIX-BIM2G Datasheet
149Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
Linx Technologies
HUM-868-PRO LINX-HUM-868-PRO Datasheet
3Mb / 59P
   868MHz HumPRO??Series Data Transceiver
2017
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
   433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
logo
Linx Technologies
HUM-868-DT LINX-HUM-868-DT Datasheet
1Mb / 37P
   868MHz HumDTTM Series Transceiver
2015
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2_07 Datasheet
2Mb / 94P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.7, 2007-02-26
logo
RF Micro Devices
RF2917 RFMD-RF2917 Datasheet
408Kb / 14P
   433/868/915MHZ FM/FSK RECEIVER
logo
LAPIS Semiconductor Co....
ML7406 LAPIS-ML7406 Datasheet
937Kb / 104P
   868MHz SRD RF transceiver IC
logo
List of Unclassifed Man...
ML7406 ETC2-ML7406 Datasheet
1,004Kb / 104P
   868MHz SRD RF transceiver IC
logo
Infineon Technologies A...
TDA5250D2 INFINEON-TDA5250D2 Datasheet
2Mb / 97P
   ASK/FSK 868MHz Wireless Transceiver
Version 1.6 July 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com