Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

023201.6MXEP Datasheet(PDF) 3 Page - Littelfuse

Part # 023201.6MXEP
Description  232 Series, 5 x 20 mm, Medium-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

023201.6MXEP Datasheet(HTML) 3 Page - Littelfuse

  023201.6MXEP Datasheet HTML 1Page - Littelfuse 023201.6MXEP Datasheet HTML 2Page - Littelfuse 023201.6MXEP Datasheet HTML 3Page - Littelfuse 023201.6MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
291
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
232 Series
5×20 mm > Medium-Acting > 232 Series
Please refer to www.littelfuse.com/series/232.html for current information.
Materials
Terminal Strength
Solderability
Product Marking
Packaging
Product Characteristics
Operating Temperature
Thermal Shock
O
125O
Vibration
Humidity
O
Salt Spray
0232 000P
0232 000 XEP
20+0.5
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
Dimensions
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
232 Series
N/A
1000
N/A
N/A
1000
N/A
Part Numbering System
0232
M X 125 P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
Under Option Code
125
= To order 125Vac rated fuse
Blank = 250Vac rated fuse
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 023201.6MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
023201.6MXE LITTELFUSE-023201.6MXE Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
023201.6MXE- LITTELFUSE-023201.6MXE- Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
023201.6MXE-ND LITTELFUSE-023201.6MXE-ND Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to METI Standard
More results

Similar Description - 023201.6MXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
02331.25MXE- LITTELFUSE-02331.25MXE- Datasheet
194Kb / 4P
   233 Series, 5 x 20 mm, Medium-Acting Fuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com