Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPE5KV Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # PPE5KV
Description  High Definition Oscilloscopes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PPE5KV Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

Back Button PPE5KV Datasheet HTML 4Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 5Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 6Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 7Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 8Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 9Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 10Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 11Page - Teledyne Technologies Incorporated PPE5KV Datasheet HTML 12Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IDeNTIFy AND ISOLATe PRObLeMS FASTeR
WaveScan Advanced Search
WaveScan provides powerful isolation capabilities that hard-
ware triggers can’t provide. WaveScan provides the ability
to locate unusual events in a single capture (i.e., capture and
search), or “scan” for an event in many acquisitions over a
long period of time with more than 20 search modes.
Since the scanning “modes” are not
simply copies of the hardware triggers,
the utility and capability is much higher.
For instance, there is no “frequency”
trigger in any oscilloscope, yet
WaveScan allows for “frequency”
to be quickly “scanned.” This allows
the user to accumulate a data set of
unusual events that are separated by
hours or days, enabling faster
debugging. When used in multiple
acquisitions, WaveScan builds on the
traditional Teledyne LeCroy strength
of fast processing of data. Quickly scan
millions of events looking for unusual
occurrences, and do it much faster
and more efficiently than other
oscilloscopes can.
Advanced Waveform Capture
with Sequence Mode
Use Sequence mode to store up to
10,000 triggered events as “segments”
into memory. This can be ideal when
capturing many fast pulses in quick
succession or when capturing events
separated by long time periods.
Sequence mode provides timestamps
for each acquisition and minimizes
dead-time between triggers to less
than 1 μs. Combine Sequence mode
with advanced triggers to isolate rare
events over time and analyze afterwards.
Advanced Math and Measure
With math functions including
averaging, enhanced resolution and
FFT plus a wide variety of measure-
ment parameters the HDO4000 can
measure and analyze every aspect of a
waveform. By utilizing HD4096 technol-
ogy, the HDO4000 measures 16 times
more precisely than traditional 8-bit
architectures. Beyond just measuring
waveforms, the HDO4000 provides
statistics, histicons and trends to show
how waveforms change over time.


Similar Part No. - PPE5KV

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PPE-LCT1 PCE-PPE-LCT1 Datasheet
460Kb / 2P
   Technical Voltmeter PCE-LCT 1
logo
Rhombus Industries Inc.
PPECL2-1 RHOMBUS-IND-PPECL2-1 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
PPECL2-1.25 RHOMBUS-IND-PPECL2-1.25 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
PPECL2-1.5 RHOMBUS-IND-PPECL2-1.5 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
PPECL2-2 RHOMBUS-IND-PPECL2-2 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
More results

Similar Description - PPE5KV

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOS804A KEYSIGHT-MSOS804A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS104A KEYSIGHT-DSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS254A KEYSIGHT-DSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS404A KEYSIGHT-DSOS404A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
DSOS204A KEYSIGHT-DSOS204A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
MSOS254A KEYSIGHT-MSOS254A Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com