Electronic Components Datasheet Search |
|
030-8581-029 Datasheet(PDF) 6 Page - ITT Industries |
|
030-8581-029 Datasheet(HTML) 6 Page - ITT Industries |
6 / 79 page www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change 6 CannonAPD / ISO 15170 Connectors Product Overview APD / ISO 15170 Series 1-way 1-way 2-way 2-way 4-way 4-way Type Plug Receptacle Flange / Jam Nut / Snap-In Plug Receptacle Flange / Jam Nut / Snap-In Plug Receptacle Flange / Jam Nut Contacts Materials Copper alloy silver plated Copper alloy silver plated Copper alloy silver plated Copper alloy silver plated Copper alloy tin, silver, gold plat- ed Copper alloy tin, silver, gold plat- ed Contact style Machined Machined Machined Machined Stamped & Formed Stamped & Formed Page Number 8 9-11 19 19-21 26 27-28 APD / ISO 15170 Series 6/7-way 6/7-way Sensor style 1 Sensor style 2 19-way 19-way Type Plug Receptacle Flange / Jam Nut Receptacle Receptacle Plug Receptacle Flange / Jam Nut/ Wire-to-wire Contacts Materials Copper alloy silver plated Copper alloy silver plated Copper alloy silver plated Copper alloy silver plated Copper alloy tin, silver, gold plated Copper alloy tin, silver, gold plated Contact style Stamped & Formed Machined Stamped & Formed Machined Machined Machined Stamped & Formed Stamped & Formed Page Number 36 37-38 42 43 45 46-48 APD / ISO 15170 Series 37-way 37-way 51-way 51-way 51-way PCB Type Plug Receptacle Flange Plug Receptacle Jam Nut Receptacle Snap In Receptacle Contacts Materials Copper alloy silver plated Copper alloy silver plated Copper alloy silver plated Copper alloy silver plated Copper alloy tin, silver, gold plated Copper alloy tin, silver, gold plated Contact style Stamped & Formed Machined Stamped & Formed Machined Stamped & Formed Machined Stamped & Formed Machined Stamped & Formed Machined Machined Page Number 56 57 63 65 64 73 |
Similar Part No. - 030-8581-029 |
|
Similar Description - 030-8581-029 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |