Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5113 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113
Description  LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5113 Datasheet HTML 3Page - Texas Instruments LM5113 Datasheet HTML 4Page - Texas Instruments LM5113 Datasheet HTML 5Page - Texas Instruments LM5113 Datasheet HTML 6Page - Texas Instruments LM5113 Datasheet HTML 7Page - Texas Instruments LM5113 Datasheet HTML 8Page - Texas Instruments LM5113 Datasheet HTML 9Page - Texas Instruments LM5113 Datasheet HTML 10Page - Texas Instruments LM5113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM5113
www.ti.com
SNVS725E – JUNE 2011 – REVISED JANUARY 2012
Typical Performance Characteristics
Figure 4. Peak Source Current
vs
Output Voltage
Figure 5. Peak Sink Current
vs
Output Voltage
Figure 6. IDDO
vs
Frequency
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5113


Similar Part No. - LM5113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 26P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113-Q1 TI1-LM5113-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113QDPRRQ1 TI1-LM5113QDPRRQ1 Datasheet
2Mb / 26P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
More results

Similar Description - LM5113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI-LM5113_15 Datasheet
2Mb / 21P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113-Q1 TI1-LM5113-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LMG1205 TI1-LMG1205 Datasheet
1Mb / 24P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
   Isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
   Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com