Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H22C1RFPT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # F28M35H22C1RFPT
Description  Concerto Microcontrollers
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H22C1RFPT Datasheet(HTML) 7 Page - Texas Instruments

Back Button F28M35H22C1RFPT Datasheet HTML 3Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 4Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 5Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 6Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 7Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 8Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 9Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 10Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742D – JUNE 2011 – REVISED AUGUST 2012
LOCATION
ADDITIONS, DELETIONS, AND MODIFICATIONS
Section 2.16.1
GPIO_MUX1:
Updated " ... pins of the GPIO_MUX1 block can be selectively mapped ..." paragraph
Updated "Pin-Level Mux assigns Master Subsystem peripheral signals ..." paragraph
Updated "The configuration registers for the muxing of Master Subsystem peripherals ..." paragraph
Updated "In addition to passing mostly digital signals ..." paragraph
Added NOTE about GPIO_MUX1 pins PF6_GPIO38 and PG6_GPIO46
Figure 2-13
Updated "GPIOs and Other Pins" figure
Figure 2-14
Updated "GPIO_MUX1 Block" figure
Figure 2-15
Updated "GPIO_MUX1 Pin Mapping Through Register Set A" figure
Table 2-27
GPIO_MUX1 Pin Assignments (M3 Primary Modes):
PB6_GPIO14: Updated "M3 Primary Mode 8" column
PB7_GPIO15: Updated "M3 Primary Mode 8" column
PE4_GPIO28: Updated "M3 Primary Mode 8" column
PE5_GPIO29: Updated "M3 Primary Mode 8" column
PF2_GPIO34: Updated "M3 Primary Mode 8" column
PF3_GPIO35: Updated "M3 Primary Mode 8" column
PF6_GPIO38:
Updated "M3 Primary Mode 1" column
Updated "M3 Primary Mode 3" column
Updated "M3 Primary Mode 8" column
Updated "M3 Primary Mode 10" column
PG2_GPIO42: Updated "M3 Primary Mode 8" column
PG5_GPIO45: Updated "M3 Primary Mode 8" column
PG6_GPIO46:
Updated "M3 Primary Mode 3" column
Updated "M3 Primary Mode 8" column
Updated "M3 Primary Mode 10" column
Added footnote about muxing option availability
Table 2-28
GPIO_MUX1 Pin Assignments (M3 Alternate Modes):
PA6_GPIO6: Updated "M3 Alternate Mode 12" column
PE4_GPIO28: Updated "M3 Alternate Mode 14" column
Added footnote about muxing option availability
Table 2-29
GPIO_MUX1 Pin Assignments (C28x Peripheral Modes):
PF6_GPIO38: Updated "C28x Peripheral Mode 0" column
PG6_GPIO46: Updated "C28x Peripheral Mode 0" column
Section 2.16.2
GPIO_MUX2:
Updated "Peripheral Modes 0, 1, 2, and 3 are chosen ..." paragraph
Table 2-30
Updated "GPIO_MUX2 Pin Assignments (C28x Peripheral Modes)" table
Figure 2-16
Updated "Pin Muxing on AIO_MUX1, AIO_MUX2, and GPIO_MUX2" figure
Section 2.17
Added "Emulation/JTAG" section
Section 2.18
Added "Code Security Module (CSM)" section
Section 2.19
Added "µCRC Module" section
Figure 3-1
144-Pin RFP PowerPAD™ HTQFP (Top View):
Pin 109: Changed signal name from "GPIO199/COMP5OUT" to "GPIO135/COMP5OUT"
Pin 110: Changed signal name from "GPIO198" to "GPIO134"
Pin 111: Changed signal name from "GPIO197/COMP4OUT" to "GPIO133/COMP4OUT"
Pin 112: Changed signal name from "GPIO196/COMP3OUT" to "GPIO132/COMP3OUT"
Pin 118: Changed signal name from "ADC1VREFLO, VSSA1" to "VSSA1"
Pin 135: Changed signal name from "ADC2VREFLO, VSSA2" to "VSSA2"
Pin 140: Changed signal name from "GPIO192" to "GPIO128"
Pin 141: Changed signal name from "GPIO193/COMP1OUT" to "GPIO129/COMP1OUT"
Pin 142: Changed signal name from "GPIO194/COMP6OUT" to "GPIO130/COMP6OUT"
Pin 143: Changed signal name from "GPIO195/COMP2OUT" to "GPIO131/COMP2OUT"
Added footnote about GPIO135
Copyright © 2011–2012, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback


Similar Part No. - F28M35H22C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H22C1RFPT TI1-F28M35H22C1RFPT Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H22C1RFPT TI1-F28M35H22C1RFPT Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35H22C1RFPT TI1-F28M35H22C1RFPT Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M35H22C1RFPT TI-F28M35H22C1RFPT Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35H22C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com