Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

276-27-20-4857 Datasheet(PDF) 2 Page - Winchester Electronics Corporation

Part # 276-27-20-4857
Description  C-PRESS EDGE CARD ASSENBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

276-27-20-4857 Datasheet(HTML) 2 Page - Winchester Electronics Corporation

  276-27-20-4857 Datasheet HTML 1Page - Winchester Electronics Corporation 276-27-20-4857 Datasheet HTML 2Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* ALL CONTACTS
1
±0.25
1
4
.020 (0.51) A B
B
A
.031
.025
.64
.150
19.94
.785
1.57
.062
2X
SQ
±.010
G
±.25
3.81
±.010
±.25
.79
±.010
.150±.050
3.81±1.27
EARLY MAKE CONTACTS
.125
3.18
MIN
.25
.010
.201
5.11
SHORTING CONTACTS
CONTACTS MUST
BE TOUCHING EACH OTHER
.281
7.14
3.18
.125
.315
8.00
RECCOMENDED PC BOARD HOLE PATTERN
.008 0.20 C
C
D
3.18
.125
.125
3.18
.040±.003
1.02±.08
B
C-PRESS EDGE CARD ASSENBLY
REV
J
24510
WinchesterElectronics
Winchester Electronics Corporation
62 Barnes Industrial Road North
Wallingford, Connecticut 06492
2
SHT
2
OF
BY
DATE APPD
REVISED PER
ER7294
DESCRIPTION
J
REV
12/10/84
HK
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
12/10/84
HK
DATE
APPROVED
12/10/84
JOE R
DATE
DRAWN
CUSTOMER
DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX
ANGLES: ± 2°
SCALE: 1:1
.125 (3.18)
12
3
5
6
12
18
15
20
17
23
21
19
16
13
24
14
27
25 26
10 11
9
6
4
37
5
12
37
42
36
52
49
40
34
38 39
32
53
31
35
33
50
54
44
51
30
43
48
47
45
41
29
22
8
28
POSITION 50 3
POSITION 54 4
POSITION 60 5
POSITION 100 6
POSITION 25 3
POSITION 27 4
POSITION 30 5
POSITION 50 6
POSITION 26 3
POSITION 25 4
POSITION 31 5
POSITION 51 6
46
1.96
A
E
7
8.00
.315
D
C EQUAL SPACES @
=
.125
5.08
.200
B
.115
±.08
2.92
.077±.003
.215
5.46
EARLY / LATE
MAKE CONTACTS
1
3
2
.201
5.11
3.18
.125
.281
7.14


Similar Part No. - 276-27-20-4857

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
276-12.0M-SR-05GP OSCILENT-276-12.0M-SR-05GP Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GR OSCILENT-276-12.0M-SR-05GR Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GS OSCILENT-276-12.0M-SR-05GS Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GT OSCILENT-276-12.0M-SR-05GT Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GW OSCILENT-276-12.0M-SR-05GW Datasheet
127Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - 276-27-20-4857

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
29265 WINCHESTER-29265 Datasheet
222Kb / 2P
   POWER CLIP (C-PRESS)
10365 WINCHESTER-10365 Datasheet
261Kb / 1P
   78 SERIES C PRESS HEADER
14207 WINCHESTER-14207 Datasheet
97Kb / 1P
   POWER TERMINAL C-PRESS 6 PIN
14208 WINCHESTER-14208 Datasheet
93Kb / 1P
   POWER TERMINAL C-PRESS 6 PIN
24546 WINCHESTER-24546 Datasheet
296Kb / 1P
   C-PRESS STRIP HEADER OUT LINE
1841250R1H5556 WINCHESTER-1841250R1H5556 Datasheet
89Kb / 1P
   RECEPTACLE C-TEL SHIELD .085 X .160 GRID C PRESS CONNECTOR
1841250P1H5556 WINCHESTER-1841250P1H5556 Datasheet
86Kb / 1P
   PLUG C-TEL, SHIELD .085 X .160 GRID C PRESS CONNECTOR
14201 WINCHESTER-14201 Datasheet
71Kb / 1P
   POWER TERMINAL C-PRESS 6-PIN M3 THREAD
logo
Pasternack Enterprises,...
PE38487 PASTERNACK-PE38487 Datasheet
222Kb / 1P
   CABLE ASSENBLY, RG213/U, QN MALE RIGHT ANGLE TO QN MALE
logo
Winchester Electronics ...
27432 WINCHESTER-27432 Datasheet
114Kb / 1P
   D-SUB SHIELDED SOCKET CONNECTOR WITH C- PRESS SOCKET CONTACTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com