Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19067-0003 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 19067-0003
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19067-0003 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  19067-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 2Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 3Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 4Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 5Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 6Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 7Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 8Page - Molex Electronics Ltd. 19067-0003 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 6 of 9
Revision: K
Revision Date: 05-06-08
Miscrimps or Jams
Should this tool ever become stuck or jammed in a partially closed position, Do Not force the handles open or closed.
The tool will open easily by pushing the ratchet release lever forward. See Figure 6.
How to Adjust Tool Preload (See Figure 6 and 7)
Over the life of the tool, it may be necessary to adjust tool handle preload force. Listed below are the steps
required to adjust the crimping force of the hand tool to obtain proper crimp conditions:
1. Close the tool handles until jaws are fully closed and
not under pressure. Put one handle grip on a weight
scale and apply pressure downward against opposite
handle. Observe the highest-pressure reading.
2. If tool needs adjustment, turn the preload adjustment
screw. To increase preload setting, tighten (CW) the
screw slightly, to decrease loosen (CCW) the screw.
The preload should be 30-35 LBS.
3. Recheck the preload after making a crimp. Check the
crimp specifications after tool handle preload force is
adjusted.
Tool Calibration
A Certificate of Calibration (see last page) was supplied with the tool. To
recalibrate this tool, pin gauge measurements should be taken in each
conductor nest and compared to this chart. The tool should be lubricated
before recalibration to ensure consistent measurements. Handle preload is
factory set to 30-35 LBS. See How to Adjust Tool Preload, see Figure 7 to
recalibrate.
Wire Range
“X” Dimension Conductor Crimp
AWG
mm²
Mean
Go
No Go
8
10.00
.170
.165
.176
6
16.00
.240
.235
.246
4
25.00
.330
.325
.336
2
35.00
.378
.373
.384
AWG pin gauge readings are taken from nests marked “INS.”
RATCHET RELEASE
LEVER PUSH
FORWARD TO RELEASE
Figure 6
PRELOAD
ADJUSTMENT
SCREW
HANDLE GRIPS
PRELOAD ADJUSTMENT
SCREW
JAWS FULLY
CLOSED
Figure 7
PIN GAUGE IN
CONDUCTOR CRIMP
“CONFINING” CRIMP
X


Similar Part No. - 19067-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19067-0099 MOLEX4-19067-0099 Datasheet
74Kb / 2P
   3.50mm (.138
More results

Similar Description - 19067-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com