Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGD3040G2 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGD3040G2
Description  EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGD3040G2 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGD3040G2 Datasheet HTML 1Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 2Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 3Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 4Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 5Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 6Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 7Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 8Page - Fairchild Semiconductor FGD3040G2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
@2012 Fairchild Semiconductor Corporation
FGD3040G2_F085 Rev.C1
www.fairchildsemi.com
1
FGD3040G2_F085
EcoSPARK®2 300mJ, 400V, N-Channel Ignition IGBT
Features
SCIS Energy = 300mJ at TJ = 25oC
Logic Level Gate Drive
Qualified to AEC Q101
RoHS Compliant
Applications
Automotive lgnition Coil Driver Circuits
Coil On Plug Applications
Package
JEDEC TO-252
D-Pak
GATE
EMITTER
COLLECTOR
April 2012


Similar Part No. - FGD3040G2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGD3040G2-F085 ONSEMI-FGD3040G2-F085 Datasheet
811Kb / 13P
   ECOSPARK 2 300 mJ, 400 V, N-Channel Ignition IGBT
July, 2022 - Rev. 4
FGD3040G2-F085C ONSEMI-FGD3040G2-F085C Datasheet
966Kb / 9P
   EcoSPARK 2 Ignition IGBT 300 mJ, 400 V, N−Channel Ignition IGBT
April, 2019 - Rev. 1
FGD3040G2-F085V ONSEMI-FGD3040G2-F085V Datasheet
723Kb / 9P
   EcoSPARK 2 Ignition IGBT 300 mJ, 400 V, N-Channel Ignition IGBT
August, 2019 - Rev. 2
More results

Similar Description - FGD3040G2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
FGD3440G2 FAIRCHILD-FGD3440G2 Datasheet
464Kb / 9P
   EcoSPARK짰2 335mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGB3056-F085 ONSEMI-FGB3056-F085 Datasheet
2Mb / 8P
   EcoSPARK® 300mJ, 560V, N-Channel Ignition IGBT
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com