Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGB3040CS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGB3040CS
Description  EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB3040CS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGB3040CS_12 Datasheet HTML 1Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 2Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 3Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 4Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 5Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 6Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 7Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 8Page - Fairchild Semiconductor FGB3040CS_12 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FGB3040CS Rev. C1
www.fairchildsemi.com
4
Figure 7. Collector to Emitter On-State Voltage
vs. Collector Current
Figure 8. Collector to Emitter On-State Voltage
vs. Collector Current
Figure 9. Collector to Emitter On-State Voltage
vs. Collector Current
Figure 10. Transfer Characteristics
Figure 11. DC Collector Current vs. Case
Temperature
Figure 12. Threshold Voltage vs. Junction
Temperature
Typical Performance Curves
01
234
0
10
20
30
40
TJ = -40
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
01
234
0
10
20
30
40
TJ = 25
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
01
234
0
10
20
30
40
TJ = 175
oC
VGE = 4.5V
VGE = 5.0V
VGE = 3.7V
VGE = 4.0V
VGE = 8.0V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
01
2
3
45
6
0
10
20
30
40
TJ = -40oC
TJ = 25oC
TJ = 175oC
PULSE DURATION = 80μs
DUTY CYCLE = 0.5% MAX
VCE = 5V
VGE, GATE TO EMITTER VOLTAGE (V)
25
50
75
100
125
150
175
0
5
10
15
20
25
TC, CASE TEMPERATURE(
oC)
VGE = 4.0V
-50 -25
0
25
50
75 100 125 150 175
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCE = VGE
ICE = 1mA
TJ, JUNCTION TEMPERATURE(oC)
(Continued)


Similar Part No. - FGB3040CS_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
More results

Similar Description - FGB3040CS_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com