Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7080M Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7080M
Description  Half Bridge Gate Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7080M Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7080M_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN7080M_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
©2012 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FAN7080_GF085 Rev. 1.0.1
Typical Waveforms
1.0
1.5
2.0
2.5
3.0
3.5
0
500
1000
1500
2000
2500
3000
Typ.
VDT, Deadtime Voltage(V)
Max.
HO
LO
SD/DT
IN
IN(LO)
IN(HO)
LO
HO
ton
tr
toff
tf
50%
50%
90%
90%
10%
10%
tsd
50%
90%
HO
LO
SD
50%
50%
90%
10%
90%
10%
DT1
DT2
IN
HO
LO
Figure 1. Input/output Timing Diagram
Figure 2. Dead Time VS VDT
Figure 4. Shutdown Waveform Definitions
Figure 3. Switching Time Waveform Definitions
Figure 6. Dead Time Waveform Definitions
Figure 5. Delay Matching Waveform Definitions
PWM(LO)
PWM(HO)
LO
50%
50%
10%
90%
HO
LO
HO
MTON
MTOFF
VCC=VBS=15V, -40C < tj < 125C


Similar Part No. - FAN7080M_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7080M-GF085 FAIRCHILD-FAN7080M-GF085 Datasheet
456Kb / 17P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080M-GF085 ONSEMI-FAN7080M-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
logo
Fairchild Semiconductor
FAN7080MX FAIRCHILD-FAN7080MX Datasheet
330Kb / 17P
   Half Bridge Gate Driver
FAN7080MX-GF085 FAIRCHILD-FAN7080MX-GF085 Datasheet
456Kb / 17P
   Half Bridge Gate Driver
logo
ON Semiconductor
FAN7080MX-GF085 ONSEMI-FAN7080MX-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
More results

Similar Description - FAN7080M_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com