Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7080 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN7080
Description  Half Bridge Gate Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7080 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN7080_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 14Page - Fairchild Semiconductor FAN7080_12 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
VBS Supply Voltage(V)
Max.
Figure 16a. High Level Output of HO vs Temperature
Figure 16b. High Level Output of HO vs VBS Supply Voltage
Figure 17a. High Level Output of LO vs Temperature
Figure 17b. High Level Output of LO vs VCC Supply Voltage
Figure 18a. Low Level Output of HO vs Temperature
Figure 18b. Low Level Output of HO vs VBS Supply Voltage
-50
-25
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
Temperature(
oC)
Max.
-50
-25
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
Temperature(
oC)
Max.
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
V
CC Supply Voltage(V)
Max.
-50
-25
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
Temperature(
oC)
Max.
VCC=VBS=15V
VCC=15V, ta=25
C
VCC=VBS=15V
VCC=15V, ta=25
C
VCC=VBS=15V
VCC=15V, ta=25
C
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
VBS Supply Voltage(V)
Max.
©2012 Fairchild Semiconductor Corporation
11
www.fairchildsemi.com
FAN7080_GF085 Rev. 1.0.1


Similar Part No. - FAN7080_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7080 FAIRCHILD-FAN7080_1 Datasheet
330Kb / 17P
   Half Bridge Gate Driver
More results

Similar Description - FAN7080_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
   Half-bridge gate driver
logo
Diodes Incorporated
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
   HALF BRIDGE GATE DRIVER
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
   HALF-BRIDGE GATE DRIVER
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
   Half-Bridge Gate Driver
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
   Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
   Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
   Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
   HALF-BRIDGE GATE DRIVER
logo
STMicroelectronics
L6393 STMICROELECTRONICS-L6393 Datasheet
462Kb / 20P
   Half-bridge gate driver
L6393 STMICROELECTRONICS-L6393_10 Datasheet
393Kb / 19P
   Half-bridge gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com