Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX096AKE Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX096AKE
Description  Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX096AKE Datasheet(HTML) 2 Page - Sony Corporation

  ICX096AKE Datasheet HTML 1Page - Sony Corporation ICX096AKE Datasheet HTML 2Page - Sony Corporation ICX096AKE Datasheet HTML 3Page - Sony Corporation ICX096AKE Datasheet HTML 4Page - Sony Corporation ICX096AKE Datasheet HTML 5Page - Sony Corporation ICX096AKE Datasheet HTML 6Page - Sony Corporation ICX096AKE Datasheet HTML 7Page - Sony Corporation ICX096AKE Datasheet HTML 8Page - Sony Corporation ICX096AKE Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
– 2 –
ICX096AKE
Block Diagram and Pin Configuration
(Top View)
Note)
Note)
: Photo sensor
Horizontal register
Cy
Cy
G
G
Cy
Mg
Ye
Ye
Mg
Mg
Ye
G
Cy
Cy
G
G
Cy
Mg
Ye
Ye
Mg
Mg
Ye
G
1
5
2
3
4
6
9
11
12
8
10
7
Pin No.
1
2
3
4
5
6
V
φ4
V
φ3
V
φ2
V
φ1
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
Signal output
7
8
9
10
11
12
VDD
φSUB
VL
RG
H
φ1
H
φ2
Supply voltage
Substrate clock
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Symbol
Description
Pin No.
Description
Pin Description
Absolute Maximum Ratings
1 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Symbol
Against
φSUB
Against GND
Against VL
Between input clock
pins
Storage temperature
Operating temperature
–40 to +8
–40 to +10
–50 to +15
–50 to +0.3
–40 to +0.3
–0.3 to +18
–10 to +18
–10 to +15
–0.3 to +26
–0.3 to +16
to +15
–14 to +14
–14 to +14
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
VDD
φSUB
VOUT, RG –
φSUB
V
φ1, Vφ3 – φSUB
V
φ2, Vφ4, VL– φSUB
H
φ1, Hφ2, GND – φSUB
VDD, VOUT, RG – GND
V
φ1, Vφ2, Vφ3, Vφ4 – GND
H
φ1, Hφ2 – GND
V
φ1, Vφ3 – VL
V
φ2, Vφ4, Hφ1, Hφ2, GND – VL
Voltage difference between vertical clock input pins
H
φ1 – Hφ2
H
φ1, Hφ2 – Vφ4
Item
Ratings
Unit
Remarks
1


Similar Part No. - ICX096AKE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX097AKE SONY-ICX097AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX098 SONY-ICX098 Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098 SONY-ICX098 Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX096AKE

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX238AKE SONY-ICX238AKE Datasheet
182Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
ICX097AKE SONY-ICX097AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX239AKE SONY-ICX239AKE Datasheet
183Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com