Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA393A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA393A
Description  Dual Differential Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA393A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA393A_11 Datasheet HTML 1Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 2Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 3Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 4Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 5Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 6Page - Fairchild Semiconductor KA393A_11 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
June 2011
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
KA393 / KA393A, KA2903
Dual Differential Comparator
Features
Single Supply Operation: 2V to 36V
Dual Supply Operation: ±1V to ±18V
Allow Comparison of Voltages Near Ground
Potential
Low Current Drain: 800µA Typical
Compatible with all Forms of Logic
Low Input Bias Current: 25nA Typical
Low Input Offset Current: ±5nA Typical
Low Offset Voltage: ±1mV Typical
Description
The KA393 / KA393A / KA2903 series consists of two
independent voltage comparators designed to operate
from a single power supply over a wide voltage range.
Figure 1. DIP Package
Figure 2. SOIC Package
Figure 3. Block Diagram
Figure 4. Schematic
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
KA393
0 to 70°C
8-Lead DIP
Tube
KA393A
0 to 70°C
Tube
KA393DTF
0 to 70°C
8-Lead SOIC
Tape and Reel
KA393ADTF
0 to 70°C
Tape and Reel
KA2903DTF
-40 to 85°C
Tape and Reel


Similar Part No. - KA393A_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA393AD FAIRCHILD-KA393AD Datasheet
84Kb / 10P
   Dual Differential Comparator
KA393ADTF FAIRCHILD-KA393ADTF Datasheet
635Kb / 7P
   Dual Differential Comparator
logo
ON Semiconductor
KA393ADTF ONSEMI-KA393ADTF Datasheet
631Kb / 9P
   Dual Differential Comparator
June 2011 Rev. 1.0.3
More results

Similar Description - KA393A_11

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com