Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA324 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA324
Description  Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA324 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA324_12 Datasheet HTML 2Page - Fairchild Semiconductor KA324_12 Datasheet HTML 3Page - Fairchild Semiconductor KA324_12 Datasheet HTML 4Page - Fairchild Semiconductor KA324_12 Datasheet HTML 5Page - Fairchild Semiconductor KA324_12 Datasheet HTML 6Page - Fairchild Semiconductor KA324_12 Datasheet HTML 7Page - Fairchild Semiconductor KA324_12 Datasheet HTML 8Page - Fairchild Semiconductor KA324_12 Datasheet HTML 9Page - Fairchild Semiconductor KA324_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA324/KA324A, KA2902
6
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, unless otherwise specified)
The following specification apply over the range of 0
°C ≤ TA ≤ +70°C for the KA324A
Note:
1. VCC=30V for KA324A.
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA324A
Unit
Min.
Typ.
Max.
Input Offset Voltage
VIO
VCM = 0V to VCC -1.5V
VO(P) = 1.4V, RS = 0Ω
(Note1)
--
5.0
mV
Input Offset Voltage Drift
ΔVIO/ΔTRS = 0Ω (Note2)
-
7.0
30
μV/°C
Input Offset Current
IIO
VCM = 0V
-
-
75
nA
Input Offset Current Drift
ΔIIO/ΔTRS = 0Ω (Note2)
-
10
300
pA/
°C
Input Bias Current
IBIAS
VCM = 0V
-
40
200
nA
Input Common-Mode
Voltage Range
VI(R)
Note1
0
-
VCC
-2.0
V
Large Signal Voltage Gain
GV
VCC = 15V, RL= 2.0kΩ
15
-
-
V/mV
Output Voltage Swing
VO(H)
Note1
RL = 2kΩ
26
-
-
V
RL = 10kΩ
27
28
-
V
VO(L)
VCC = 5V, RL= 10kΩ
-5
20
mV
Output Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
10
20
-
mV
ISINK
VI(+) = 0V, VI(-) = 1V
VCC = 15V, VO(P) = 2V
58
-
mA
Differential Input Voltage
VI(DIFF)
--
-
VCC
V


Similar Part No. - KA324_12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA324A SAMSUNG-KA324A Datasheet
376Kb / 8P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324A FAIRCHILD-KA324A Datasheet
139Kb / 12P
   Quad Operational Amplifier
KA324A FAIRCHILD-KA324A Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
ON Semiconductor
KA324A ONSEMI-KA324A Datasheet
409Kb / 14P
   Quad Operational Amplifier
November 2014 Rev. 1.1.0
logo
Fairchild Semiconductor
KA324AD FAIRCHILD-KA324AD Datasheet
139Kb / 12P
   Quad Operational Amplifier
More results

Similar Description - KA324_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com