Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FUSB2805 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FUSB2805
Description  USB2.0 High-Speed OTG Transceiver with ULPI Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FUSB2805 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FUSB2805 Datasheet HTML 1Page - Fairchild Semiconductor FUSB2805 Datasheet HTML 2Page - Fairchild Semiconductor FUSB2805 Datasheet HTML 3Page - Fairchild Semiconductor FUSB2805 Datasheet HTML 4Page - Fairchild Semiconductor FUSB2805 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FUSB2805 • Rev. 1.0.1
3
DO NOT DISTRIBUTE
Pin Definitions
Symbol
Type
(1)
Description
Chip Select_N
I
Active LOW. HIGH – ULPI pin three-stated; LOW – ULPI operates normally. TTL
compatible; CMOS input with hysteresis.
RREF
AI/O
Resistor reference. Connect through 12k
Ω ±1% to GND.
DM
AI/O
USB D- pin. USB mode: data minus (D-) pin of the USB cable.
DP
AI/O
USB D+ pin. USB mode: data plus (D+) pin of the USB cable.
FAULT
I
FAULT is used to signal a VBUS over-current/over-voltage condition from an external
SMPS or power management IC. The link must enable this function via the
ExternalVbusFault register bit and the polarity must be set via the
ExternalVbusActiveLow register bit.
ID
I
Identification (ID) pin of the micro-USB cable. TTL; if not used, connect to 3V3.
VCC
P
Input supply voltage or battery source.
PSW
O
Controls an external, active HIGH,
VBUS power switch/charge pump and/or an SMPS
charger IC. An external 100K
Ω pull-down resistor is required. Open source, slew-rate-
controlled output; this pin is referenced to VCC3V3.
VBUS
AI/O
Should be connected to the VBUS pin of the USB cable. Leave open circuit if not used.
An internal 90K
Ω ±11% pull-down resistor is present on this pin.
VCC3V3
P
3.3V regulator output requiring capacitors. Internally powers OTG, analog core, and
ATX.
CLKIN
I
Clock input; frequency depends on the CFG1 pin. This is a digital input buffer, not
analog for a crystal.
I.C.
I/O
Internally connected; float pin.
TEST
I/O
Internally connected; float pin.
CFG1
I
Configures the clock frequency; 0: input is 19.2MHz. 1: input is 26MHz.
VDD1V2
P
1.2V regulator output requiring capacitors. Internally powers the digital core and
analog core.
VIO
P
Input I/O supply rail; 0.1µF capacitor connected to power input.
Reset_N
I
Connect to VIO when not used. Resets the transceiver; active LOW.
GND
P
Connect to ground.
DIR
O
ULPI direction output signal.
STP
I
ULPI stop input signal; CMOS input.
NXT
O
ULPI next output signal.
D7
I/O
ULPI data pin 7; three-state output.
D6
I/O
ULPI data pin 6; three-state output.
D5
I/O
ULPI data pin 5; three-state output.
D4
I/O
ULPI data pin 4; three-state output.
D3
I/O
ULPI data pin 3; three-state output.
D2
I/O
ULPI data pin 2; three-state output.
D1
I/O
ULPI data pin 1; three-state output.
D0
I/O
ULPI data pin 0; three-state output.
CLOCK
O
60MHz clock output when digital 19.2MHz (or 26MHz) clock is applied; Push-pull
output.
Notes:
1.
I=input; O=output; I/O=digital input/output; OD=open-drain output; AI/O=analog input/output; P=power or ground.
2.
Per USB2.0, below a supply of 2.97V, USB full-speed and low-speed transactions are not guaranteed; although
some devices may continue to function with the FUSB2805 at the lower supply rail.


Similar Part No. - FUSB2805

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FUSB250 DBLECTRO-FUSB250 Datasheet
112Kb / 3P
   Radial Leaded PTC FUSB Series
logo
Fairchild Semiconductor
FUSB2500 FAIRCHILD-FUSB2500 Datasheet
672Kb / 7P
   USB2.0 High-Speed OTG Transceiver with ULPI Interface
FUSB2500GFX FAIRCHILD-FUSB2500GFX Datasheet
672Kb / 7P
   USB2.0 High-Speed OTG Transceiver with ULPI Interface
logo
RFE international
FUSB250F RFE-FUSB250F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
logo
Fuzetec Technology Co.,...
FUSB250F FUZETEC-FUSB250F Datasheet
138Kb / 4P
   Radial Leaded PTC Resettable Fuse: FUSB Series
More results

Similar Description - FUSB2805

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FUSB2500 FAIRCHILD-FUSB2500 Datasheet
672Kb / 7P
   USB2.0 High-Speed OTG Transceiver with ULPI Interface
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
SMSC Corporation
USB332X SMSC-USB332X Datasheet
247Kb / 10P
   Miniature Hi-Speed USB Transceiver with 1.8V ULPI Interface
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
logo
SMSC Corporation
USB3319 SMSC-USB3319 Datasheet
328Kb / 12P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
logo
SMSC Corporation
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
logo
Microchip Technology
USB3316C-GJ-TR MICROCHIP-USB3316C-GJ-TR Datasheet
608Kb / 13P
   Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 06-10-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com