Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0239.250MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0239.250MXP
Description  239 Series, 5 x 20 mm, Slo-Blo짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0239.250MXP Datasheet(HTML) 2 Page - Littelfuse

  0239.250MXP Datasheet HTML 1Page - Littelfuse 0239.250MXP Datasheet HTML 2Page - Littelfuse 0239.250MXP Datasheet HTML 3Page - Littelfuse 0239.250MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
308
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
239 Series
5×20 mm > Time Lag > 239 Series
Please refer to www.littelfuse.com/series/239.html for current information.
Amp Code
Amp Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.080
0.08
250
35A @ 250 VAC
28.1750
0.02500
.100
0.1
250
17.3425
0.05500
.125
0.125
250
11.6000
0.08500
.150
0.15
250
8.1000
0.13000
.200
0.2
250
35A @ 250 VAC
10000A @ 125 VAC
3.8725
0.16500
.250
0.25
250
3.0700
0.34000
.300
0.3
250
2.3000
0.61500
.400
0.4
250
1.4750
1.49000
.500
0.5
250
0.9090
1.98500
.600
0.6
250
0.6990
2.41500
.700
0.7
250
0.5375
4.12000
.750
0.75
250
0.4710
5.42500
.800
0.8
250
0.4155
7.56500
001.
1
250
0.2965
11.29500
1.25
1.25
250
10000A @ 125 VAC
100A @ 250 VAC
0.1980
19.52500
01.6
1.6
250
0.1205
30.43000
002.
2
250
0.0943
50.58500
02.5
2.5
250
0.0583
79.70500
003.
3
250
0.04877
129.51000
3.15
3.15
250
0.0414
128.05000
03.2
3.2
250
0.0385
128.05000
03.5
3.5
250
0.0370
128.05000
004.
4
125
10000A @ 125 VAC
0.0312
270.703
005.
5
125
0.0199
302.836
007.
7
125
0.0114
305.758
Electrical Characteristic Specification by Item


Similar Part No. - 0239.250MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0239.250H LITTELFUSE-0239.250H Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0239.250H- LITTELFUSE-0239.250H- Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0239.250H-ND LITTELFUSE-0239.250H-ND Datasheet
162Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 0239.250MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0215.125MRET1P LITTELFUSE-0215.125MRET1P Datasheet
359Kb / 5P
   215 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0218.032HXP LITTELFUSE-0218.032HXP Datasheet
347Kb / 4P
   218 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
0201YA1R2CAQ2A LITTELFUSE-0201YA1R2CAQ2A Datasheet
329Kb / 3P
   213 Series, 5 x 20 mm, Time-Lag (Slo-Blo짰) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com