Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8980 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8980
Description  Stereo CODEC with Speaker Driver and Video Buffer
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8980_12 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8980_12 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
Pre-Production
WM8980
w
PP, Rev 3.8, May 2012
7
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD=1.8V, AVDD=DBVDD=SPKVDD=VBVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Preamp Inputs (LIP, LIN, RIP, RIN, L2, R2)
Full-scale Input Signal Level –
note this changes in proportion
to AVDD (Note 1)
VINFS
PGABOOST = 0dB
INPPGAVOL = 0dB
1.0
0
Vrms
dBV
Mic PGA equivalent input noise
At 35.25dB
gain
0 to 20kHz
150
uV
Input resistance
RMICIN
Gain set to 35.25dB
1.6
k
RMICIN
Gain set to 0dB
47
k
RMICIN
Gain set to -12dB
75
k
RMICIP
L/RIP2INPPGA = 1
94
k
CMICIN
10
pF
MIC Programmable Gain Amplifier (PGA)
Maximum Programmable Gain
35.25
dB
Minimum Programmable Gain
-12
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
120
dB
Selectable Input Gain Boost (0/+20dB)
Gain Boost on PGA input
Boost disabled
0
dB
Boost enabled
20
dB
Maximum Gain from AUXL/R or
L/R2 input to boost/mixer
+6
dB
Minimum Gain from AUXL/R or
L/R2 input to boost/mixer
-12
dB
Gain step size to boost/mixer
Guaranteed monotonic
3
dB
Auxiliary Analogue Inputs (AUXL, AUXR)
Full-scale Input Signal Level
(0dB) – note this changes in
proportion to AVDD
VINFS
AVDD/3.3
0
Vrms
dBV
Input Resistance
(Note 2)
RAUXINLMIN
Left Input boost and mixer
enabled, at max gain
4.3
k
RAUXINLTYP
Left Input boost and mixer
enabled, at 0dB gain
8.6
k
RAUXINLMAX
Left Input boost and mixer
enabled, at min gain
39.1
k
RAUXINRMIN
Right Input boost, mixer and
beep enabled, at max gain
3
k
RAUXINRTYP
Right Input boost, mixer and
beep enabled, at 0dB gain
6
k
RAUXINRMAX
Right Input boost, mixer and
beep enabled, at min gain
29
k
Input Capacitance
CMICIN
10
pF


Similar Part No. - WM8980_12

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8980GEFL/RV WOLFSON-WM8980GEFL/RV Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8980GEFL/V WOLFSON-WM8980GEFL/V Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
   Stereo CODEC With Speaker Driver and Video Buffer
More results

Similar Description - WM8980_12

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8980 WOLFSON-WM8980_07 Datasheet
1Mb / 112P
   Stereo CODEC With Speaker Driver and Video Buffer
WM8980 WOLFSON-WM8980 Datasheet
963Kb / 81P
   STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
   Mono CODEC with Speaker Driver and Video Buffer
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
   Stereo Low-Power CODEC with Video Buffer
logo
Cirrus Logic
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
   Stereo Low-Power CODEC with Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com