Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB11MTCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSUSB11MTCX
Description  Low-Power, Full-Speed (12Mbps) Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11MTCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSUSB11MTCX_09 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB11MTCX_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 • Rev. 1.0.4
2
Pin Configuration
Figure 2. TSSOP Pin Assignment (Top View)
Figure 3. Micropak™ Pin Assignment (Top View)
Analog Symbol
Figure 4. Analog Symbol
Pin Descriptions
TSSOP Pin #
MicroPak™ Pin #
Pin Names
Description
1, 3, 4, 6, 9, 12
1, 3, 4, 6, 7, 9
D+, D1+, D-, D1-, D2-, D2+
Data Ports
2, 5
10
GND
Ground
7, 8
NC
No Connect
10, 13
2, 8
S1, S2
Control Input
11, 14
5
VCC
Supply Voltage
Truth Table
Control Inputs
Function
Low Logic Level
D1 Connected to D+/D-
High Logic Level
D2 Connected to D+/D-


Similar Part No. - FSUSB11MTCX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB11MTCX FAIRCHILD-FSUSB11MTCX Datasheet
1Mb / 13P
   Low-Power Full-Speed USB (12Mbps) Switch
logo
ON Semiconductor
FSUSB11MTCX ONSEMI-FSUSB11MTCX Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
More results

Similar Description - FSUSB11MTCX_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB11 ONSEMI-FSUSB11 Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_06 Datasheet
1Mb / 13P
   Low-Power Full-Speed USB (12Mbps) Switch
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
logo
Agere Systems
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
logo
Vishay Siliconix
DG5143 VISHAY-DG5143 Datasheet
41Kb / 3P
   Low-Power, High-Speed CMOS Analog Switch
Rev. B, 28-Apr-97
logo
Analog Devices
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com