Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSSD07UMX Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSSD07UMX
Description  1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSSD07UMX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSSD07UMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 9Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 10Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 11Page - Fairchild Semiconductor FSSD07UMX_12 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD07 Rev. 1.0.2
8
AC Electrical Characteristics at 1.8V VDDC
All typical values are for VDDC=1.8V at 25°C unless otherwise specified.
Symbol
Parameter
VDDC (V)
VDDH1 /
VDDH2 (V)
Conditions
TA=-40 to +85°C
Unit
Min. Typ. Max.
tON
Turn-On Time,
S, OE to CMD, DAT[3:0]
1.65 to 1.95 1.65 to 3.6
VSW=0V, RL=1kΩ,
CL=20pF
Figure 7, Figure 8
8
18
ns
tOFF
Turn-Off Time,
S, OE to CMD, DAT[3:0]
1.65 to 1.95 1.65 to 3.6
VSW=0V, RL=1kΩ,
CL=20pF
Figure 7, Figure 8
6
13
ns
tRISE1/
FALL1
CMD/DAT Output Edge Rates
(9)
1.65 to 1.95 1.65 to 3.6
RL=1kΩ, CL=20pF
(10-90%)
Figure 7, Figure 8
3
ns
tPD
Switch Propagation Delay
(9)
1.65 to 1.95 1.65 to 3.6
RL=1kΩ, CL=20pF
Figure 7, Figure 89
4.5
9
ns
tpLH
LH Propagation Delay 1CLK, 2CLK
to CLK
1.65 to 1.95 1.65 to 3.6
CL=20pF
Figure 10, Figure
11
4
6
ns
tpHL
HL Propagation Delay 1CLK, 2CLK
to CLK
1.65 to 1.95 1.65 to 3.6
CL=20pF
Figure 10, Figure
11
4
6
ns
tRISE2/
FALL2
CLK Output Edge Rates
(9)
1.65 to 1.95 1.65 to 3.6
CL=20pF (10-90%)
Figure 7, Figure 8
3
ns
OIRR
Off Isolation
(9)
1.8
1.65 to 3.6
f=10MHz, RT=50Ω,
CL=20pF,
Figure 12
-60
dB
Xtalk
Non-Adjacent Channel Crosstalk
(9)
1.8
1.65 to 3.6
f=10MHz, RT=50Ω,
CL=20pF,
Figure 13
-60
dB
ftoggle
Clock Frequency
(9)
1.8
1.65 to 3.6 CL=20pF
75
MHz
Note:
9.
Guaranteed by characterization, not production tested.


Similar Part No. - FSSD07UMX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD07UMX FAIRCHILD-FSSD07UMX Datasheet
253Kb / 2P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
ON Semiconductor
FSSD07UMX ONSEMI-FSSD07UMX Datasheet
435Kb / 15P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
March 2012 Rev. 1.0.2
More results

Similar Description - FSSD07UMX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD07 FAIRCHILD-FSSD07 Datasheet
253Kb / 2P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
ON Semiconductor
FSSD07 ONSEMI-FSSD07 Datasheet
435Kb / 15P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
March 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
logo
ON Semiconductor
FSSD06 ONSEMI-FSSD06 Datasheet
549Kb / 15P
   SD/SDIO and MMC Two-Port Multiplexer
March 2012 Rev. 1.0.5
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06_12 Datasheet
575Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD06 FAIRCHILD-FSSD06_08 Datasheet
954Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
logo
Actel Corporation
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
   EP550 SDIO/SD Memory/MMC Host Controller
logo
Winbond
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
   SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
Actel Corporation
EP560 ACTEL-EP560 Datasheet
139Kb / 4P
   EP560 SD/SDIO/MMC Slave Controller
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com