Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSSD06 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSSD06
Description  SD/SDIO and MMC Two-Port Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSSD06 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSSD06_12 Datasheet HTML 1Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 2Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 3Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 4Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 5Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 6Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 7Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 8Page - Fairchild Semiconductor FSSD06_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSSD06 • Rev. 1.0.5
5
DC Electrical Characteristics at 1.8V VDDH
All typical values are for VDDH=1.8V at 25°C unless otherwise specified.
Symbol
Parameter
VDDC1 /
VDDC2 (V)
Conditions
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
Common Pins
VIK
Clamp Diode Voltage
2.7
IIK=-18mA
-1.2
V
VIH
Control Input Voltage
High
2.7
VDDH=1.65V
1.3
VIL
Control Input Voltage Low
2.7
0.5
IIN
S, /OE Input High Current
3.6
VDDH=1.95V, VCNTRL=0V to
VDDH
-1
1
µA
IOZ
Off Leakage, Current of
all ports
3.6
VDDH=1.95V, VSW=0V to VDDX
-1.0
0.5
1.0
µA
IPU
CLK Pull-up Current
3.6
VCLKI=VDDH VCLKO=0V,
/OE=VDDH
35
µA
VOHC
CLK Output Voltage High
2.7
IOH=-2mA
2.4
V
VOLC
CLK Output Voltage Low
3.6
IOL=-2mA
90
mV
RPU
CLK Pull-up Resistance
(3)
50
100
kΩ
RON
Switch On Resistance
(4)
2.7
VCMD, DAT[3:0]=0V, ION=-2mA,
See Figure 5
4
6
∆RON
Delta On Resistance
(4, 5)
2.7
VCMD, DAT[3:0]=0V, ION=- 2mA
0.8
Power Supply
ICC(VDDH)
Quiescent Supply Current
(Host)
0
VDDH=1.95V, VSW=0 or VDDH,
IOUT=0
1
µA
ICC(VDDC1,
VDDC2)
Quiescent Supply Current
(SDIO Cards)
3.6
VSW=0 or VDDx, IOUT=0,
VCLKI=VDDH, VCLKO=Open,
/OE=0V
1
µA
∆ICARD
Delta ICC(VDDC1, VDDC2) for
One Card Powered Off
3.6V
/ 0V
VSW=0 or VDDx, IOUT=0,
VCLKI=VDDH, VCLKO=Open,
/OE=0V
1
µA
Notes:
3.
Guaranteed by characterization, not production tested.
4.
On resistance is determined by the voltage drop between the switch I/O pins at the indicated current through the switch.
5.
∆ RON=RON max – RON min measured at identical VCC, temperature, and voltage.


Similar Part No. - FSSD06_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD06BQX FAIRCHILD-FSSD06BQX Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD06BQX FAIRCHILD-FSSD06BQX Datasheet
954Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
logo
ON Semiconductor
FSSD06BQX ONSEMI-FSSD06BQX Datasheet
549Kb / 15P
   SD/SDIO and MMC Two-Port Multiplexer
March 2012 Rev. 1.0.5
logo
Fairchild Semiconductor
FSSD06UMX FAIRCHILD-FSSD06UMX Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD06UMX FAIRCHILD-FSSD06UMX Datasheet
954Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
More results

Similar Description - FSSD06_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
logo
ON Semiconductor
FSSD06 ONSEMI-FSSD06 Datasheet
549Kb / 15P
   SD/SDIO and MMC Two-Port Multiplexer
March 2012 Rev. 1.0.5
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06_08 Datasheet
954Kb / 14P
   SD/SDIO and MMC Two-Port Multiplexer
FSSD07 FAIRCHILD-FSSD07 Datasheet
253Kb / 2P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
FSSD07 FAIRCHILD-FSSD07_12 Datasheet
483Kb / 14P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
logo
ON Semiconductor
FSSD07 ONSEMI-FSSD07 Datasheet
435Kb / 15P
   1-Bit / 4-Bit SD/SDIO and MMC Dual-Host Multiplexer
March 2012 Rev. 1.0.2
logo
Winbond
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
   SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
Actel Corporation
EP560 ACTEL-EP560 Datasheet
139Kb / 4P
   EP560 SD/SDIO/MMC Slave Controller
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
   EP550 SDIO/SD Memory/MMC Host Controller
logo
ITT Industries
CCM05-5502R901 ITT-CCM05-5502R901 Datasheet
435Kb / 5P
   SD, MMC & miniSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com