Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV430 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSAV430
Description  Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAV430 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSAV430_11 Datasheet HTML 2Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 3Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 4Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 5Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 6Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 7Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 8Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 9Page - Fairchild Semiconductor FSAV430_11 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSAV430 • Rev. 1.0.2
9
Physical Dimensions (Continued)
0.65
4.4±0.1
MTC16rev4
0.11
4.55
5.00
5.00±0.10
12°
7.35
4.45
1.45
5.90
Figure 17. 16-Lead, Thin Shrink Small Outline Package (TSSOP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging.
For current tape and reel specifications, visit Fairchild Semiconductor’s online packaging area:
http://www.fairchildsemi.com/products/analog/pdf/tssop16_tr.pdf.


Similar Part No. - FSAV430_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV430BQX FAIRCHILD-FSAV430BQX Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV430MTC FAIRCHILD-FSAV430MTC Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430MTCX ONSEMI-FSAV430MTCX Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
More results

Similar Description - FSAV430_11

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
logo
ON Semiconductor
FSAV330 ONSEMI-FSAV330 Datasheet
617Kb / 11P
   4-Channel, 2:1 Video Switch
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430 Datasheet
1Mb / 11P
   Low Voltage Ultra Low Power High Bandwidth (1.1GHz) Quad SPDT Video Switch
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com