Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX086AL Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX086AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX086AL Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX086AL Datasheet HTML 3Page - Sony Corporation ICX086AL Datasheet HTML 4Page - Sony Corporation ICX086AL Datasheet HTML 5Page - Sony Corporation ICX086AL Datasheet HTML 6Page - Sony Corporation ICX086AL Datasheet HTML 7Page - Sony Corporation ICX086AL Datasheet HTML 8Page - Sony Corporation ICX086AL Datasheet HTML 9Page - Sony Corporation ICX086AL Datasheet HTML 10Page - Sony Corporation ICX086AL Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
– 7 –
ICX086AL
Readout clock
Vertical transfer
clock
Reset gate clock
Substrate clock
VT
V
φ1, Vφ2,
V
φ3, Vφ4
H
φ
H
φ1
H
φ2
φRG
φSUB
2.3
41
11
1.5
2.5
46
5.6
14
1.65
41
76
46
5.6
80
0.1
6.5
0.007
0.007
6.0
9.5
0.5
5
0.1
6.5
0.007
0.007
5.0
250
9.5
0.5
µs
ns
ns
µs
ns
µs
During
imaging
During
parallel-serial
conversion
Clock Switching Characteristics
Item
During
readout
1
2
During drain
charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
1 When vertical transfer clock driver CXD1267AN is used.
2 When Vφ
H
= 3.0V. tf
≥ tr – 2ns, and the cross-point voltage (VCR) for the Hφ1 rising side of the Hφ1 and
H
φ2 waveforms must be at least VφH/2 [V].


Similar Part No. - ICX086AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX086AL SONY-ICX086AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX086AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX208AL SONY-ICX208AL Datasheet
218Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com