Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA8009 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSA8009
Description  Audio Jack Send / End Detection with MIC / Video Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA8009 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSA8009 Datasheet HTML 1Page - Fairchild Semiconductor FSA8009 Datasheet HTML 2Page - Fairchild Semiconductor FSA8009 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA8009 • Rev. 1.0.1
7
Physical Dimensions
Figure 3. 10-Lead UMLP Package Drawing
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty therein, which
covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Ordering Information
Part Number
Operating Temperature Range
Top Mark
Package
FSA8009UMX
-40 to +85°C
KP
10-Lead 1.4 x 1.8 x 0.55mm, 0.4mm Pitch,
Ultrathin Molded Leadless Package (UMLP)
A
B
C
SEATING
PLANE
DETAIL A
PIN#1 IDENT
RECOMMENDED
LAND PATTERN
NOTES:
A. PACKAGE DOES NOT FULLY CONFORM TO
JEDEC STANDARD.
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
D. LAND PATTERN RECOMMENDATION IS
BASED ON FSC DESIGN ONLY.
E. DRAWING FILENAME: MKT-UMLP10Arev3.
TOP VIEW
BOTTOM VIEW
0.15 C
0.08 C
0.15 C
2X
2X
SIDE VIEW
0.10 C
0.05
3
6
1
0.10 C A B
0.05 C
0.55 MAX.
10
1.40
1.80
0.40
0.15
0.25
(10X)
0.35
0.45
(9X)
1.70
2.10
0.40
0.663
0.563
(9X)
0.225
(10X)
1
0.152
0.10
0.10
0.55
0.45
0.10
DETAIL A
SCALE : 2X
1.85
1.45
0.55
0.40
0.225
(10X)
9X
0.45
PIN#1 IDENT
OPTIONAL MINIMIAL
TOE LAND PATTERN
SCALE : 2X
LEAD
OPTION 1
SCALE : 2X
LEAD
OPTION 2
PACKAGE
EDGE


Similar Part No. - FSA8009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FSA8008AUMX FAIRCHILD-FSA8008AUMX Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
More results

Similar Description - FSA8009

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA8029 FAIRCHILD-FSA8029 Datasheet
478Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
logo
Vishay Siliconix
DG2592 VISHAY-DG2592 Datasheet
187Kb / 13P
   Audio Jack Detector with Send / End Detect
Rev. D, 30-Nov-15
logo
Fairchild Semiconductor
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
   Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
logo
Vishay Siliconix
DG2592 VISHAY-DG2592_V01 Datasheet
188Kb / 13P
   Audio Jack Detector with Send / End Detect
08-Feb-17
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
NL3S325 ONSEMI-NL3S325 Datasheet
167Kb / 7P
   Audio Jack GND/MIC Configuration Switch
June, 2018 ??Rev. 1
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
FSA8058 FAIRCHILD-FSA8058 Datasheet
831Kb / 8P
   Audio Jack Detection and Configuration Switch with Moisture Sensing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com