Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8961 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
8
ELECTRICAL CHARACTERISTICS
Test Conditions
MICVDD = 2.5V, DVDD = 1.8V, CPVDD=1.8V, AVDD = 1.8V SPKVDD1 = SPKVDD2 = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT, RINPUT)
Full-scale Input Signal Level –
note this changes in proportion
to AVDD
VINFS
L/RINPUT
Single-ended
500
-6.02
mVrms
dBV
Mic PGA equivalent input noise
20Hz to 20kHz,
+24dB gain
3
uV
Input resistance
L/RINPUT
+24dB PGA gain
3.5
k
Ω
L/RINPUT
0dB PGA gain
28
k
Ω
L/RINPUT
-23.25dB PGA gain
53
k
Ω
Input capacitance
Cin
10
pF
MIC Programmable Gain Amplifier (PGA)
Programmable Gain
Input from L/RINPUT
-23.25
24
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Mute Attenuation
85
dB
Selectable Input Gain Boost
Gain Boost Steps
Input from PGA
0, 13, 20,
29
dB
Analogue Inputs (LINPUT, RINPUT) to ADC out
Signal to Noise Ratio
(A-weighted)
SNR
80
88
dB
Total Harmonic Distortion Plus
Noise
THD+N
-1dBFS input
-82
-75
dB
Total Harmonic Distortion
THD
-1dBFS input
-86
-75
dB
ADC Channel Separation
1kHz
97
dB
10kHz
97
dB
PSRR
100mV(peak-peak) 1kHz
applied to AVDD
60
dB
PSRR
100mV(peak-peak) 20kHz
applied to AVDD
40
dB
Channel Matching
1kHz signal
+/-0.5
dB
DAC to HP_L, HP_R (used as Line output) with 10k
Ω / 50pF load: standard headphone playback mode
Full scale output voltage
L/ROUTVOL = 0dB
1.0
Vrms
Signal to Noise Ratio
(A-weighted)
SNR
87
97
dB
Total Harmonic Distortion Plus
Noise
THD+N
10k
Ω load
-78
-67
dB
Total Harmonic Distortion
THD
10k
Ω load
-79
-68
dB
Channel Separation
1kHz full scale signal
100
dB
10kHz full scale signal
85
PSRR (AVDD)
100mV(peak-peak) 1kHz
60
dB
100mV(peak-peak)
20kHz
58
dB
DC offset
DC servo is enabled
-1.5
+1.5
mV


Similar Part No. - WM8961

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960CGEFL/RV WOLFSON-WM8960CGEFL/RV Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Cirrus Logic
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results

Similar Description - WM8961

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Nuvoton Technology Corp...
NAU88L24 NUVOTON-NAU88L24 Datasheet
476Kb / 16P
   Ultra-Low Power Audio CODEC with Stereo Class D Drivers and Ground-Referenced Headphone Amplifier with Advanced Headset Detection
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com