Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA3000 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSA3000
Description  Two-Port, High-Speed, MHL??Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3000 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSA3000 Datasheet HTML 1Page - Fairchild Semiconductor FSA3000 Datasheet HTML 2Page - Fairchild Semiconductor FSA3000 Datasheet HTML 3Page - Fairchild Semiconductor FSA3000 Datasheet HTML 4Page - Fairchild Semiconductor FSA3000 Datasheet HTML 5Page - Fairchild Semiconductor FSA3000 Datasheet HTML 6Page - Fairchild Semiconductor FSA3000 Datasheet HTML 7Page - Fairchild Semiconductor FSA3000 Datasheet HTML 8Page - Fairchild Semiconductor FSA3000 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA3000 • Rev. 1.0.4
5
AC Electrical Characteristics
All typical value are for VCC=3.3 V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
VCC (V)
TA= -40ºC to
+85ºC
Unit
Min. Typ. Max.
tON
MHL Turn-On Time,
SEL to Output
RL=50 Ω, CL=5 pF, VSW(USB)=0.8 V,
VSW(MHL)=3.3 V, Figure 5, Figure 6
2.7 to
3.6 V
350
600
ns
tOFF
MHL Turn-Off Time,
SEL to Output
RL=50 Ω, CL=5 pF, VSW(USB)=0.8 V,
VSW(MHL)=3.3 V, Figure 5, Figure 6
2.7 to
3.6 V
125
300
ns
tZHM,ZLM
MHL Enable Time,
/OE to Output
RL=50 Ω, CL=5 pF, VSW(MHL)=3.3 V,
Figure 5, Figure 6
2.7 to
3.6 V
60
150
µs
tZHU,ZLU
USB Enable Time,
/OE to Output
RL=50 Ω, CL=5 pF, VSW(USB)=0.8 V,
Figure 5, Figure 6
2.7 to
3.6 V
100
300
ns
tLZM,HZM
MHL Disable Time,
/OE to Output
RL=50 Ω, CL=5 pF, VSW(MHL)=3.3 V,
Figure 5, Figure 6
2.7 to
3.6 V
35
100
ns
tLZU,HZU
USB Disable Time,
/OE to Output
RL=50 Ω, CL=5 pF, VSW(USB)=0.8 V,
Figure 5, Figure 6
2.7 to
3.6 V
35
100
ns
tPD
Propagation Delay
(7)
CL=5 pF, RL=50 Ω, Figure 5, Figure 7
2.7 to
3.6 V
0.25
ns
tBBM
Break-Before-Make
(7)
RL=50 Ω, CL=5 pF, VID=VMHL=3.3 V,
VUSB= 0.8 V, Figure 9
2.7 to
3.6 V
2
13
ns
OIRR(MHL)
Off Isolation
(7)
VS=1 Vpk-pk, RL=50 Ω, f=240 MHz,
Figure 11
2.7 to
3.6 V
-55
dB
OIRR(USB)
VS=400 mVpk-pk, RL=50 Ω, f=240 MHz,
Figure 11
2.7 to
3.6 V
-45
dB
XtalkMHL
Non-Adjacent
Channel
(7) Crosstalk
VS=1 Vpk-pk, R=50 Ω, f=240 MHz,
Figure 12
2.7 to
3.6 V
-47
dB
XtalkUSB
VS=400 mVpk-pk, RL=50 Ω, f=240 MHz,
Figure 12
2.7 to
3.6 V
-45
dB
BW
(Insertion
Loss)
Differential
-3db Bandwidth
(7)
VIN=1 Vpk-pk, MHL Path, RL=50 Ω,
CL=0 Pf, Figure 10, Figure 15
2.7 to
3.6 V
2.46
GHz
VIN=400 mVpk-pk, USB Path, RL=50 Ω,
CL=0 pF, Figure 10, Figure 16
1.22
Note:
7.
Guaranteed by characterization.


Similar Part No. - FSA3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
FSA3000L10X ONSEMI-FSA3000L10X Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
More results

Similar Description - FSA3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA3000 ONSEMI-FSA3000 Datasheet
808Kb / 14P
   Two-Port, High-Speed, MHL Switch
January 2016 Rev. 1.10
logo
Fairchild Semiconductor
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
   Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
logo
ON Semiconductor
FSA3200 ONSEMI-FSA3200 Datasheet
405Kb / 13P
   Two-Port, High-Speed USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3341 FAIRCHILD-FSA3341 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??Switch
logo
ON Semiconductor
FSUSB43 ONSEMI-FSUSB43 Datasheet
808Kb / 8P
   Low-Power, Two-Port, High-Speed, USB2.0 Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3041 FAIRCHILD-FSA3041 Datasheet
1Mb / 3P
   High-Speed 4:1 USB2.0 / MHL??/ Audio / UART Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
FSUSB42 ONSEMI-FSUSB42 Datasheet
584Kb / 10P
   Low-Power, Two-Port, High-Speed, USB2.0 UART Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com