Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC3230 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC3230
Description  NXP Microcontrollers Selection Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3230 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC3230 Datasheet HTML 4Page - NXP Semiconductors LPC3230 Datasheet HTML 5Page - NXP Semiconductors LPC3230 Datasheet HTML 6Page - NXP Semiconductors LPC3230 Datasheet HTML 7Page - NXP Semiconductors LPC3230 Datasheet HTML 8Page - NXP Semiconductors LPC3230 Datasheet HTML 9Page - NXP Semiconductors LPC3230 Datasheet HTML 10Page - NXP Semiconductors LPC3230 Datasheet HTML 11Page - NXP Semiconductors LPC3230 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC4300 Series
LPC4322
1
1
512 104 16 5
6
1
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4320
1
1
200
5
6
1
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
F
LQFP144, TFBGA100
Cortex-M4/M0, FPU, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. Available Q4 2011
LPC4317
1
1 1024 136 16 5
6
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, Dual-bank Flash, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4315
1
1
768 136 16 5
6
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, Dual-bank Flash, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4313
1
1
512 104 16 5
6
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, Dual-bank Flash, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4312
1
1
512 104 16 5
6
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4310
1
1
168
5
6
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
F
LQFP144, TFBGA100
Cortex-M4/M0, FPU, SPIFI, SCT, SGPIO, RTC, QEI. Available Q4 2011
LPC 2900
LPC2939
768
56
16 7 24
2
4
2
2
3
24/10 b
152
125
1.8
3.3
F
LQFP208
ARM968E-S MCU with USB host/OTG/device, 32K I- & D- TCM, motor control, GP DMA,
16 KB EEPROM
LPC2930
56
16 7 24
2
4
2
2
3
24/10 b
152
125
1.8
3.3
F
LQFP208
Flashless version of LPC2939
LPC2929
768
56
16 7 24
1
4
2
2
3
24/10 b
104
125
1.8
3.3
F
LQFP144
LPC2939 with 144 pins and without USB host
LPC2927
512
56
16 7 24
1
4
2
2
3
24/10 b
104
125
1.8
3.3
F
LQFP144
LPC2929 with 512K Flash, USB device/OTG
LPC2926
256
56
16 7 24
1
4
2
2
3
24/10 b
104
125
1.8
3.3
F
LQFP144
LPC2927 with 256K Flash
LPC2925
512
40
16 7 24
1
4
2
2
3
16/10 b
60
125
1.8
3.3
F
LQFP100
LPC2923
256
24
16 7 24
1
4
2
2
3
16/10 b
60
125
1.8
3.3
F
LQFP100
LPC2925 with 256K Flash
LPC2921
128
24
16 7 24
1
4
2
2
3
16/10 b
60
125
1.8
3.3
F
LQFP100
LPC2923 with 128K Flash, USB device
LPC2919/01
768
56
16 7 24
4
2
2
3
16/10 b
108
125
1.8
3.3
F
LQFP144
ARM968E-S MCU with 2 LIN master controllers, 16K I-TCM, 16K D-TCM
LPC2917/01
521
56
16 7 24
4
2
2
3
16/10 b
108
125
1.8
3.3
F
LQFP144
LPC2919/01 with 512K Flash
* Includes Watchdog timer and real-time clock. ** Using timers 0-3.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C
LPC ConnectTurbo Cont’d


Similar Part No. - LPC3230

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC3230 NXP-LPC3230 Datasheet
365Kb / 73P
   16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
LPC3230FET296 NXP-LPC3230FET296 Datasheet
365Kb / 73P
   16/32-bit ARM microcontrollers; hardware floating-point coprocessor, USB On-The-Go, and EMC memory interface
Rev. 01-6 February 2009
More results

Similar Description - LPC3230

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC800 NXP-LPC800 Datasheet
5Mb / 24P
   NXP LPC microcontrollers
November 2012
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
AIMB-RP3PF-21A1E ADVANTECH-AIMB-RP3PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com