Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7220 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM7220
Description  Top Port Digital Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7220 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM7220 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 9Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 10Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 11Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Technical Data
WM7220
w
PTD, Rev 2.3, December 2011
9
RECOMMENDED PCB LAND PATTERNS
1.65 mm
1.65 mm
2.34 mm
0.91mm
Figure 3 Recommended Customer PCB Land Pattern
(Note that all other dimensions can be obtained from the package dimensions)


Similar Part No. - WM7220

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM72016-6-DGTR RAMTRON-WM72016-6-DGTR Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6-DGTR CYPRESS-WM72016-6-DGTR Datasheet
772Kb / 33P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM72016-6-EVAL-915-ANT RAMTRON-WM72016-6-EVAL-915-ANT Datasheet
128Kb / 2P
   Evaluation Board for 16Kbit Wireless Memory with Serial Port
More results

Similar Description - WM7220

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
   Top Port Digital Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
   Top Port Digital Silicon Microphone
logo
Cirrus Logic
WM7216E CIRRUS-WM7216E Datasheet
739Kb / 14P
   Low Power Top Port Digital Silicon Microphone
WM7216 CIRRUS-WM7216 Datasheet
739Kb / 14P
   Low Power Top Port Digital Silicon Microphone
logo
Wolfson Microelectronic...
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
   Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
   Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
   Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
   Top Port Analog Silicon Microphone
logo
Wolfson Microelectronic...
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
   Bottom Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com