Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2258 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSA2258
Description  Low-Voltage, Dual-SPDT (0.8?? Analog Switch with 16kV ESD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2258 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSA2258_12 Datasheet HTML 1Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 2Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 3Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 4Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 5Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 6Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 7Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 8Page - Fairchild Semiconductor FSA2258_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2258 • Rev. 1.0.5
2
Pin Configuration
2
1
3
4
GND
Vcc
10
2B1
1B1
1B0
2B0
2A
S1
1A
S2
5
9
8
7
6
Figure 2. 10-Lead MicroPak™ (Top-Through View)
Pin Descriptions
Pin #
Name
Description
1
1B0
Data Ports
2
1B1
Data Ports
3
2B0
Data Ports
4
2B1
Data Ports
5
GND
Ground
6
2A
Data Ports
7
S2
Switch Select Pins
8
S1
Switch Select Pins
9
1A
Data Ports
10
VCC
Supply Voltage
Truth Table
Control Input, Sn
Function
LOW Logic Level
nB0 connected to nA
HIGH Logic Level
nB1 connected to nA


Similar Part No. - FSA2258_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2258L10X FAIRCHILD-FSA2258L10X Datasheet
849Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
logo
ON Semiconductor
FSA2258L10X ONSEMI-FSA2258L10X Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
More results

Similar Description - FSA2258_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2258 FAIRCHILD-FSA2258 Datasheet
849Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
FSA2259 FAIRCHILD-FSA2259 Datasheet
543Kb / 10P
   Low-Voltage, Dual-SPDT (0.8廓) Analog Switch with 16kV ESD
logo
ON Semiconductor
FSA2268 ONSEMI-FSA2268 Datasheet
937Kb / 12P
   Low-Voltage Dual-SPDT Analog Switch with 16kV ESD
December-2017, Rev. 2
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_12 Datasheet
715Kb / 12P
   Low-Voltage Dual-SPDT(0.4?? Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268 Datasheet
89Kb / 2P
   Low-Voltage Dual-SPDT (0.4OHM) Analog Switch with 16kV ESD
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
FSA2268_0703 FAIRCHILD-FSA2268_0703 Datasheet
95Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
logo
Pericom Semiconductor C...
PI5A23159 PERICOM-PI5A23159 Datasheet
375Kb / 8P
   Low Voltage Dual SPDT 0.8(ohm) Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com