Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA806UMX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSA806UMX
Description  USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA806UMX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSA806UMX Datasheet HTML 4Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 9Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 10Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 11Page - Fairchild Semiconductor FSA806UMX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA806 • Rev. 1.0.1
9
Test Diagrams
Select
nBn
nA
VSel= 0 or Vcc
ION
VON
RON= VON /ION
GND
VIN
GND
VIN
Select
VSel= 0 orVcc
NC
A
IA(OFF)
VIN
GND
**Each switch port is tested separately.
VIN
Figure 7. On Resistance
Figure 8. Off Leakage
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
RS and RT are functions of the application
environment (see AC/DC tables).
VSel
GND
Off-Isolation = 20 Log (VOUT /VIN )
-
VOUT
GND
GND
RT
GND
GND
VS
RS
Network Analyzer
RT
GND
RS and RT are functions of the application
environment (see AC tables for values).
VS1, S2, S3
GND
CROSSTALK = 20 Log (VOU
VIN
NC
Figure 9. Channel Off Isolation
Figure 10. Active Channel Crosstalk
RS
VOUT
Q =
ΔVOUT • CL
ΔVOUT
VOUT
VCC
0V
Input – VSEL
Generator
GND
VS
CL
VSEL
VIN
B
nSn
GND
CL includes test fixture and stray capacitance
GND
Off
On
Off
mA
Figure 11. Charge Injection Test


Similar Part No. - FSA806UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA806UMX ONSEMI-FSA806UMX Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results

Similar Description - FSA806UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com