Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA223UMX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSA223UMX
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA223UMX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSA223UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 9Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 10Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 11Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 12Page - Fairchild Semiconductor FSA223UMX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA223 • Rev. 1.0.4
9
Test Diagrams
Dn or R/L
D+/R or D-/L
VCNTRL =fn (VAudio and VCC)
ION
VON
GND
V
GND
SW
RON = VON / ION
D+/R or D-/L
D+, D-
or R/L
A
I
(OFF)
V
sw
GND
VCNTRL =fn (VAudio and VCC)
Figure 11.
On Resistance
Figure 12.
Off Leakage
I
A(ON)
Vsw
GND
A
D+, D- or R/L
D+/R or
D-/L
VCNTRL =fn (VAudio and VCC)
CL includes test fixture and stray capacitance.
GND
RS
V
GND
RL
CL
GND
VOUT
D+,D-orR, L
D+/R or D-/L
RL, RS, and CL are functions of the application
environment (see AC tables for specific values).
sw
V
VCNTRL =fn (VAudio and VCC)
Figure 13.
On Leakage
Figure 14.
AC Test Circuit Load
Input VASel
tRISE=2.5ns
GND
3V
90%
90%
10%
10%
tFALL=2.5ns
50%
50%
Output -VOUT
90%
VOH
VOL
tON
tOFF
90%
-
Input - VCNTRL
tRISE=1µs
GND
VCC
Vth(max)
90%
10%
10%
tFALL=1µs
Output - VOUT
90%
VOH
VOL
tON
tOFF
90%
Vth(min)
Vth = VCCth or VAudioth
-
VCNTRL =fn (VAudio and VCC)
Figure 15.
Turn-On / Turn-Off Waveforms (ASel)
Figure 16.
Turn-On / Turn-Off Waveforms
(USB/Audio)


Similar Part No. - FSA223UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA223UMX FAIRCHILD-FSA223UMX Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223UMX FAIRCHILD-FSA223UMX Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA223UMX ONSEMI-FSA223UMX Datasheet
612Kb / 18P
   High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results

Similar Description - FSA223UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com