Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA221UMX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSA221UMX
Description  USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA221UMX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSA221UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 9Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 10Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 11Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 12Page - Fairchild Semiconductor FSA221UMX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA221 • Rev. 1.1.0
9
Typical Characteristics (Continued)
-160
-140
-120
-100
-80
-60
-40
-20
0
0.1
1.0
10.0
100.0
1000.0
10000.0
Frequency (KHz)
VCC(Vaudio) = 3.0V
Figure 8.
Off-Isolation – Audio
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
10000
Frequency (MHz)
Figure #. Bandwidth Characterization, Frequency Response at CL= 0pF,VCC (Vbus)
= 4.25V
Figure 9.
Bandwidth, Gain vs. Frequency – USB


Similar Part No. - FSA221UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221UMX FAIRCHILD-FSA221UMX Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221UMX FAIRCHILD-FSA221UMX Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221UMX FAIRCHILD-FSA221UMX Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA221UMX ONSEMI-FSA221UMX Datasheet
1Mb / 19P
   High-Speed Audio Switches
March 2013 Rev. 1.1.0
More results

Similar Description - FSA221UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com