Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1108MTDX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FIN1108MTDX
Description  LVDS 8-Port, High-Speed Repeater
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1108MTDX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN1108MTDX Datasheet HTML 1Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 2Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1108MTDX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1108 • Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+4.6
V
VIN
LVDS DC Input Voltage
-0.5
+4.6
V
VOUT
LVDS DC Output Voltage
-0.5
+4.6
V
IOSD
Driver Short-Circuit Current
Continuous
10
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature
+150
°C
TL
Lead Temperature, Soldering, 10 seconds
+260
°C
ESD
Human Body Model, JESD22-A114
7500
V
Machine Model, JEDEC: JESD22-A115
400
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
⏐V
ID
Magnitude of Differential Voltage
100
mV to VCC
V
VIC
Common Mode Voltage Range
(0V +
⏐V
ID⏐/2)
(VCC - ⏐VID⏐/2)
V
TA
Operating Temperature
-40
+85
°C


Similar Part No. - FIN1108MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1108MTDX ONSEMI-FIN1108MTDX Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results

Similar Description - FIN1108MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com