Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4274 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN4274
Description  Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4274 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN4274 Datasheet HTML 2Page - Fairchild Semiconductor FAN4274 Datasheet HTML 3Page - Fairchild Semiconductor FAN4274 Datasheet HTML 4Page - Fairchild Semiconductor FAN4274 Datasheet HTML 5Page - Fairchild Semiconductor FAN4274 Datasheet HTML 6Page - Fairchild Semiconductor FAN4274 Datasheet HTML 7Page - Fairchild Semiconductor FAN4274 Datasheet HTML 8Page - Fairchild Semiconductor FAN4274 Datasheet HTML 9Page - Fairchild Semiconductor FAN4274 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4174/FAN4274 • Rev. 1.0.8
6
Typical Performance Characteristics
VS=+2.7, G=2, RL=10kto VS/2, RF=5k; unless otherwise noted.
Figure 5. Non-Inverting Frequency Response (+5)
Figure 6. Inverting Frequency Response (+5V)
Figure 7. Non-Inverting Frequency Response
Figure 8. Inverting Frequency Response
Figure 9. Frequency Response vs. CL
Figure 10. Frequency Response vs. RL
Figure 11. Large Signal Frequency Response (+5V)
Figure 12. Open-loop Gain and Phase vs. Frequency


Similar Part No. - FAN4274

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4274IMU8X ONSEMI-FAN4274IMU8X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results

Similar Description - FAN4274

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com