Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0224004.HXW Datasheet(PDF) 3 Page - Littelfuse

Part # 0224004.HXW
Description  224/225 Series Lead-Free 2AG, Fast-Acting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0224004.HXW Datasheet(HTML) 3 Page - Littelfuse

  0224004.HXW Datasheet HTML 1Page - Littelfuse 0224004.HXW Datasheet HTML 2Page - Littelfuse 0224004.HXW Datasheet HTML 3Page - Littelfuse 0224004.HXW Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
257
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Fast Acting > 224/225 Series
224/225 Series
Please refer to www.littelfuse.com/series/224.html
or /225.html for current information.
Product Characteristics
Dimensions
Materials
Body : Glass
Cap : Nickel–plated brass
Leads: Tin–plated Copper
Terminal Strength
Test Condition A
Solderability
2003-01 Annex A
Product Marking
Cap1 : Brand logo, current and Voltage
Ratings
Cap2 : Series and Agency approval Mark
Operating
Temperature:
Thermal
Shock:
Vibration
Humidity
240 hours
Salt Spray
225 000P Series
224 000P Series
4.5
(.177")
14.48
(.57")
14.48
(.57")
4.7 (.184")
.635
(.025")
38.1
(1.50") TYP.
Part Numbering System
0224
M X P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X = Filler
M = 1000
Refer to Amp Code column of
Electrical Characteristics Table


Similar Part No. - 0224004.HXW

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0224661001 WEIDMULLER-0224661001 Datasheet
81Kb / 3P
   Interface unit, Plug-in connector, acc. to IEC 603-1/ DIN 41651, Number of signals: 60
logo
Tyco Electronics
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
More results

Similar Description - 0224004.HXW

ManufacturerPart #DatasheetDescription
logo
Littelfuse
289 LITTELFUSE-289 Datasheet
92Kb / 1P
   2AG Fast-Acting Type 224/225/288/289 Series
0208.125DRT1P LITTELFUSE-0208.125DRT1P Datasheet
198Kb / 4P
   208 Series Lead-Free 2AG, Fast-Acting Fuse
2206 LITTELFUSE-2206 Datasheet
682Kb / 3P
   2206 Series, Lead-Free 2AG, Fast-Acting Fuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
   2AG Fast-Acting Fuse
02200003DRT1P LITTELFUSE-02200003DRT1P Datasheet
214Kb / 4P
   220 Series, Lead-Free 2AG Special Fuse
0479002.MXEP LITTELFUSE-0479002.MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
0314.125HXP LITTELFUSE-0314.125HXP Datasheet
191Kb / 3P
   314/324 Series Lead-free 3AB, Fast-acting Fuse
0312.010V LITTELFUSE-0312.010V Datasheet
197Kb / 4P
   312/318 Series Lead-Free 3AG, Fast-Acting Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
   2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
047902.5MXEP LITTELFUSE-047902.5MXEP Datasheet
293Kb / 1P
   2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com