Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCX-D131 Datasheet(PDF) 1 Page - BesTech Power Co., Ltd

Part # HCX-D131
Description  For 76.8V 24S LiFePO4 Battery Packs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BESTECH [BesTech Power Co., Ltd]
Direct Link  http://www.bestechpower.com
Logo BESTECH - BesTech Power Co., Ltd

HCX-D131 Datasheet(HTML) 1 Page - BesTech Power Co., Ltd

  HCX-D131 Datasheet HTML 1Page - BesTech Power Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Protection Circuit Module
PCM / BMS / PCB
For
76.8V 24S LiFePO4 Battery Packs
Bestech Power Co.,Ltd
3F,Bldg3,Fulian Industrial Park,Heping Industrial area,Jianhui Rd,Longhua,ShenZhen,China.
中国广东省深圳市龙华和平路和平工业区建辉路 82 号旭焕辉富联工业园 2 期 3 栋 3 楼。
Website: http://www.bestechpower.com
E-mail: sales@bestechpower.com
Page 1 of 1
Data Sheet
*Note:Characteristics subject to change without notice.
Item
Contents
Criteria (Adjustable)
1
Model
HCX-D131
24S- 60A working current-200±20A
2
Voltage
Charging voltage
86.4V
3
Current
Maximal continuous charging current
60A
Maximal continuous discharging current
60A
Current consumption
≤20μA
4
Overcharge Protection
Over charge detection voltage
3.9V±0.025V
Over charge detection delay time
0.7S—1.3S
Over charge release voltage
3.8V±0.05V
5
Over Discharge Protection
Over discharge detection voltage
2.50±0.065V
Over discharge detection delay time
14mS—26mS
Over discharge release voltage
2.30±0.05V
6
Over Current Protection
Over current detection voltage
0.10±0.015V
Over current detection current
200±20A
Detection delay time
7.2ms—11ms
Release condition
Cut load,automatically recover
7
Short Circuit Protection
Detection condition
Exterior shot circuit
Detection delay time
200-500us
Release condition
Cut load,automatically recover
8
Balance
Balance voltage for single cell
3.60V±25mV
Balance current for single cell
72±10 mA
9
Resistance
Inner resistance
≤20mΩ
10
Temperature
Operating temperature range
-40~+85
°C
Storage temperature range
-40~+125
°C
11
Size (L*W*T)
120mm*80mm*15mm
Remarks:
Charge,Discharge from Different Port
P+=Charge+/Discharge+
P-=Discharge-
CH-=Charger


Similar Part No. - HCX-D131

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
   For 64V 20S LiFePO4 Battery Packs
More results

Similar Description - HCX-D131

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
   For 64V 20S LiFePO4 Battery Packs
HCX-D095 BESTECH-HCX-D095 Datasheet
299Kb / 1P
   For 32V 10S LiFePO4 Battery Packs
logo
Shanghai Consonance Ele...
CN3058 CONSONANCE-CN3058 Datasheet
253Kb / 11P
   500mA LiFePO4 Battery Charger
REV 1.1
CN3058E CONSONANCE-CN3058E Datasheet
273Kb / 11P
   1A LiFePO4 Battery Charger
logo
ON Semiconductor
MC33349 ONSEMI-MC33349 Datasheet
204Kb / 12P
   Lithium Battery Protection Circuit for One Cell Battery Packs
May, 2000 ??Rev. 1
logo
Texas Instruments
BQ2005 TI-BQ2005 Datasheet
151Kb / 16P
[Old version datasheet]   Fast-Charge IC for Dual-Battery Packs
BQ76952 TI1-BQ76952 Datasheet
4Mb / 215P
[Old version datasheet]   BQ76952 3-s to 16-s High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer,and LiFePO4 Battery Packs
BQ76972 TI1-BQ76972 Datasheet
2Mb / 87P
[Old version datasheet]   BQ76972 3-Series to 16-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, and LiFePO4 Battery Packs
DECEMBER 2023
logo
HYCON Technology Corpor...
HY2116 HYCON-HY2116 Datasheet
1Mb / 32P
   Battery Packs Protection ICs
HY2118 HYCON-HY2118 Datasheet
1Mb / 33P
   Battery Packs Protection ICs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com