Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMS10UP60B Datasheet(PDF) 7 Page - International Rectifier

Part # IRAMS10UP60B
Description  INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMS10UP60B Datasheet(HTML) 7 Page - International Rectifier

Back Button IRAMS10UP60B Datasheet HTML 3Page - International Rectifier IRAMS10UP60B Datasheet HTML 4Page - International Rectifier IRAMS10UP60B Datasheet HTML 5Page - International Rectifier IRAMS10UP60B Datasheet HTML 6Page - International Rectifier IRAMS10UP60B Datasheet HTML 7Page - International Rectifier IRAMS10UP60B Datasheet HTML 8Page - International Rectifier IRAMS10UP60B Datasheet HTML 9Page - International Rectifier IRAMS10UP60B Datasheet HTML 10Page - International Rectifier IRAMS10UP60B Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRAMS10UP60B
www.irf.com
7
LIN1,2,3
HIN1,2,3
t
fltclr
50%
U,V,W
I
BUS_trip
6µs
1µs
I
BUS
Sequence of events:
1-2) Current begins to rise
2) Current reaches I
BUS_Trip level
2-3) Current is higher than I
BUS_Trip for at least 6µs. This value is the worst-case condition with very low
over-current. In case of high current (short circuit), the actual delay will be smaller.
3-4) Delay between driver identification of over-current condition and disabling of all outputs
4) Current starts decreasing, eventually reaching 0
5) Current goes below I
BUS_trip, the driver starts its auto-reset sequence
6) Driver is automatically reset and normal operation can resume (over-current condition must be removed
by the time the drivers automatically resets itself)
3
4
2
1
5
6
Note 5: The shaded area indicates that both high-side and low-side switches are off and therefore the half-bridge output
voltage would be determined by the direction of current flow in the load.
Figure 2. I
Trip Timing Waveform


Similar Part No. - IRAMS10UP60B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMS10UP60B IRF-IRAMS10UP60B Datasheet
411Kb / 18P
   Plug N DriveTM Integrated Power Module for Appliance Motor Drive
IRAMS10UP60B IRF-IRAMS10UP60B Datasheet
399Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS10UP60B IRF-IRAMS10UP60B_15 Datasheet
399Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAMS10UP60B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com