Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX077AK Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX077AK
Description  Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX077AK Datasheet(HTML) 3 Page - Sony Corporation

  ICX077AK Datasheet HTML 1Page - Sony Corporation ICX077AK Datasheet HTML 2Page - Sony Corporation ICX077AK Datasheet HTML 3Page - Sony Corporation ICX077AK Datasheet HTML 4Page - Sony Corporation ICX077AK Datasheet HTML 5Page - Sony Corporation ICX077AK Datasheet HTML 6Page - Sony Corporation ICX077AK Datasheet HTML 7Page - Sony Corporation ICX077AK Datasheet HTML 8Page - Sony Corporation ICX077AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
– 3 –
ICX077AK
Item
VDD
VSUB
VL
14.25
5.0
Indicated
voltage – 0.1
15.0
Indicated
voltage
15.75
12.75
Indicated
voltage + 0.1
V
V
V
1
Symbol
Min.
Typ.
Max.
Unit Remarks
Bias Conditions
2
Supply voltage
Substrate voltage adjustment range
Substrate voltage adjustment precision
Protective transistor bias
1 Indications of substrate voltage (V
SUB
) setting value
The setting value of the substrate voltage is indicated on the back of image sensor by a special code.
Adjust the substrate voltage (VSUB) to the indicated voltage.
VSUB code – one character indication
VSUB code
Code and optimal setting correspond to each other as follows.
DC Characteristics
VSUB code
5.0
=
5.25
0
5.5
1
5.75
2
6.0
3
6.25
4
6.5
6
6.75
7
7.0
8
7.25
9
7.5
A
7.75
C
8.0
d
8.25
E
VSUB code
8.5
f
8.75
G
9.0
h
9.25
J
9.5
K
9.75
L
10.0
m
10.25
N
10.5
P
10.75
R
11.0
S
11.25
U
11.5
V
11.75
W
VSUB code
12.0
X
12.25
Y
12.5
Z
12.75
<Example> “L”
→ VSUB = 10.0V
2 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL
power supply for the V driver should be used.
3 1) Current to each pin when 16V is applied to V
DD
, VOUT, RG, CGG, GND (Pin 6), and SUB pins, while pins
that are not tested are grounded.
2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2, Vφ3, and Vφ4 pins, while pins that are
not tested are grounded. However, 20V is applied to SUB pin.
3) Current to each pin when 15V is applied sequentially to H
φ1 and Hφ2 pins, while pins that are not tested
are grounded. However, 15V is applied to SUB pin.
4) Current to VL pin when 25V is applied to V
φ1, Vφ3, VDD, and VOUT pins or when, 15V is applied to Vφ2,
V
φ4, Hφ1, and Hφ2 pins, while VL pin is grounded. However, GND and SUB pins are left open.
5) Current to GND pin when 20V is applied to the RG pin and the GND pin is grounded.
4 Current to SUB pin when 55V is applied to SUB pin, while all pins that are not tested are grounded.
Item
Supply current
Input current
Input current
IDD
IIN1
IIN2
3
5
1
10
mA
µA
µA
3
4
Symbol
Min.
Typ.
Max.
Unit
Remarks
Optimal setting
Optimal setting
Optimal setting


Similar Part No. - ICX077AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX077AL SONY-ICX077AL Datasheet
249Kb / 18P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for CCIR Black-and-White Video Cameras
More results

Similar Description - ICX077AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX076AK SONY-ICX076AK Datasheet
259Kb / 19P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNB SONY-ICX039DNB Datasheet
212Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX255AK SONY-ICX255AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com