Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206A0R50FWTR Datasheet(PDF) 9 Page - AVX Corporation

Part # F1206A0R50FWTR
Description  SMD Thin-Film Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R50FWTR Datasheet(HTML) 9 Page - AVX Corporation

Back Button F1206A0R50FWTR Datasheet HTML 4Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 5Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 6Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 7Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 8Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 9Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 10Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 11Page - AVX Corporation F1206A0R50FWTR Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Accu-Guard®
SMD Thin-Film Fuse
Correct choice of an Accu-Guard® fuse for a given applica-
tion is fairly straightforward. The factor of pre-arc I2t, howev-
er, requires clarification. The proper design for pre-arc I2t is
presented by way of example.
DESIGN PARAMETERS
1. Operating Temperature
The Accu-Guard® is specified for operation in the tempera-
ture range of -55°C to +125°C. Note, however, that fusing
current is sensitive to temperature. This means that the fuse
must be derated or uprated at circuit temperatures other
than 25°C:
2. Circuit Voltage
Maximum Voltage: Accu-Guard® is specified for circuits of
up to rated voltage. Accu-Guard® will successfully break
currents at higher voltages as well, but over voltage may
crack the fuse body.
Minimum Voltage: Accu-Guard® cannot be used in circuits
with voltage of about 0.5V and less. The internal resistance
of the fuse will limit the fault current to a value which will pre-
vent reliable actuation of the fuse (<2 x rated current).
3. Maximum Fault Current
Accu-Guard® is fully tested and specified for fault currents
up to 50A. Accu-Guard® will successfully break currents
above 50A, but such over current may crack the fuse body
or damage the fuse terminations.
4. Steady-State Current
The Accu-Guard® current rating is based on IEC Specifica-
tion 127-3. In accordance with this international standard,
Accu-Guard® is specified to operate at least 4 hours at rated
current without fusing (25°C). Engineering tests have shown
that F0805B and F1206A/B Accu-Guard® will in fact operate
at least 20,000 hours at rated current without fusing (25°C).
5. Switch-on and Other Pulse Current
Many circuits generate a large current pulse when initially
connected to power. There are also circuits which are sub-
ject to momentary current pulses due to external sources;
telephone line cards which are subject to lightning-induced
pulses are one example. These current pulses must be
passed by the fuse without causing actuation. These puls-
es may be so large that they are the determining factor for
choosing the Accu-Guard® current rating; not necessarily
steady state current.
In order to design for current pulses, the concept of fuse
pre-arc Joule integral, I2t, must be understood. Fuse current
rating is defined by the requirement that 2 x I
R will cause
actuation in <5 seconds. This rating does not indicate how
the fuse will react to very high currents of very short duration.
Rather, the fusing characteristic at very high currents is
specified by I2t-t curves (or I2t-I).
I2t expresses the amount of energy required to actuate the
fuse. Total I2t expresses the total energy which will be
passed by the fuse until total cessation of current flow.
Pre-arc I2t expresses that energy required to cause large
irreversible damage to the fuse element (Total I2t = pre-arc I2t
+ arc I2t). If the Joule integral of the switch-on pulse is
larger than the fuse pre-arc I2t, nuisance actuation will occur.
In order to choose the proper Accu-Guard® current rating for
a given application, it is necessary to calculate the I2t Joule
integral of the circuit switch-on and other current pulses and
compare them to the Accu-Guard® I2t-t curves. An Accu-
Guard® fuse must be chosen such that the pulse I2t is no
more than 50% of the pre-arc I2t of the prospective fuse.
Pre-arc I2t of the Accu-Guard® fuses is well characterized;
I2t-t and I2t-I graphs are in this catalog. The problem is cal-
culating the I2t of the circuit current pulses. This concept is
not familiar to most engineers. Correct calculation of pulse
Joule integral and subsequent choice of Accu-Guard®
current rating is illustrated by way of the attached examples.
HOW TO CHOOSE THE CORRECT ACCU-GUARD® FUSE
FOR CIRCUIT PROTECTION
Environmental
Accu-Guard®
Temperature
Current Carrying Capacity*
F0402E,
F0805B, F1206A,
F0805B 2.50A
F0603C
F0612D
F0603E
F1206B
& 3.00A
-55°C to -11°C
1.07 x I
R
1.07 x I
R
1.07 x I
R
1.07 x I
R
1.07 x I
R
-10°C to 60°C
I
R
I
R
I
R
I
R
I
R
61°C to 100°C
0.85 x I
R
0.93 x I
R
0.90 x I
R
0.90 x I
R
0.80 x I
R
101°C to 125°C
0.80 x I
R
0.90 x I
R
0.90 x I
R
0.75 x I
R
0.75 x I
R
*As a function of nominal rated current, I
R.


Similar Part No. - F1206A0R50FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R50FWTR AVX-F1206A0R50FWTR Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
More results

Similar Description - F1206A0R50FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com