Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK20DX128VYY7 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MK20DX128VYY7
Description  Low-power MCUs with USB On-The-Go
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK20DX128VYY7 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MK20DX128VYY7 Datasheet HTML 1Page - Freescale Semiconductor, Inc MK20DX128VYY7 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kinetis K20 Family
Overview
The Kinetis MCU portfolio consists of multiple pin-, peripheral- and software-compatible MCU
families based on the ARM® Cortex™-M4 core. Families are built from innovative 90 nm thin-film
storage (TFS) flash technology with unique FlexMemory (EEPROM) capability, and offer industry-
leading low-power and mixed-signal analog integration.
The K20 MCU family is pin, peripheral and software compatible the K10 MCU family and adds Full-
and High-speed USB 2.0 On-The-Go with device charger detect capability. Devices start from 32 KB
of flash in 5 x 5 mm 32 QFN packages extending up to 1 MB in a 144 MAPBGA package with a
rich suite of analog, communication, timing and control peripherals. High memory density K20 family
devices include a single precision floating point unit and NAND flash controller.
32-bit MCUs
Low-power MCUs with USB On-The-Go
Kinetis K20 Family
Target Applications
• Barcodescanners
• Portablemediaplayers
• Printers
• Programmablelogiccontrollers
Kinetis K20 Family
Standard Feature
Optional Feature
Cyclic
Redundancy
Check (CRC)
Cryptographic
Acceleration
Unit (CAU)
HW Tamper
Detection
Unit
Random
Number
Generator
Xtrinsic
Low-Power
Touch-Sensing
Interface
Timers
System
Memories
Communication Interfaces
HMI
Clocks
Internal and
External
Watchdogs
Memory
Protection Unit
(MPU)
DMA
Low-Leakage
Wake-Up Unit
Phase-Locked
Loop
Frequency-
Locked Loop
Low/High-
Frequency
Oscillators
Internal
Reference
Clocks
Carrier
Modulator
Transmitter
Periodic
Interrupt
Timers
Independent
Real-Time
Clock (RTC)
Security
and Integrity
Analog
Core
Interrupt
Controller
Floating Point
Unit (FPU)
Debug
Interfaces
DSP
ARM® Cortex™-M4
50/72/100/120 MHz
16-bit
ADC
PGA
Analog
Comparator
with 6-bit DAC
12-bit
DAC
Voltage
Reference
FlexTimer
Programmable
Delay Block
Low-Power
Timer
Program Flash
(32 KB to 1 MB)
NAND Flash
Controller
FlexMemory
(32 to 512 KB)
(2 to 16 KB EE)
Serial
Programming
Interface
(EzPort)
Cache
External
Bus Interface
(FlexBus)
GPIO
I2C
UART
(ISO 7816)
SPI
CAN
I2S
Secure
Digital Host
Controller
(SDHC)
USB On-the-Go
(LS/FS)
USB On-the-Go
(HS)
USB Voltage
Regulator
USB Device
Charger Detect
(DCD)


Similar Part No. - MK20DX128VYY7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK20DX128VFM5 FREESCALE-MK20DX128VFM5 Datasheet
1Mb / 58P
   K20 Sub-Family
logo
NXP Semiconductors
MK20DX128VFM5 NXP-MK20DX128VFM5 Datasheet
1Mb / 58P
   K20 Sub-Family
Rev. 4 5/2012
logo
Freescale Semiconductor...
MK20DX128VFT5 FREESCALE-MK20DX128VFT5 Datasheet
1Mb / 60P
   K20 Sub-Family
logo
NXP Semiconductors
MK20DX128VFT5 NXP-MK20DX128VFT5 Datasheet
2Mb / 60P
   K20 Sub-Family
Rev. 4 5/2012
logo
Freescale Semiconductor...
MK20DX128VLF5 FREESCALE-MK20DX128VLF5 Datasheet
1Mb / 60P
   K20 Sub-Family
More results

Similar Description - MK20DX128VYY7

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
logo
Linear Technology
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
logo
Cypress Semiconductor
CY7C67200 CYPRESS-CY7C67200_04 Datasheet
97Kb / 7P
   EZ-OTG??Programmable USB On-The-Go
CY7C67200 CYPRESS-CY7C67200_06 Datasheet
1Mb / 78P
   EZ-OTG??Programmable USB On-The-Go
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
[Old version datasheet]   Adjustable Voltage USB On-the-Go Boost Mode
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_08 Datasheet
606Kb / 44P
   High speed USB On-The-Go ULPI transceiver
logo
Maxim Integrated Produc...
MAX3301E MAXIM-MAX3301E Datasheet
868Kb / 35P
   USB On-the-Go Transceiver and Charge Pump
Rev 2; 1/06
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A_12 Datasheet
1Mb / 44P
   High-speed USB On-The-Go ULPI transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com