Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC43X0 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC43X0
Description  NXP LPC microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC43X0 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC43X0 Datasheet HTML 7Page - NXP Semiconductors LPC43X0 Datasheet HTML 8Page - NXP Semiconductors LPC43X0 Datasheet HTML 9Page - NXP Semiconductors LPC43X0 Datasheet HTML 10Page - NXP Semiconductors LPC43X0 Datasheet HTML 11Page - NXP Semiconductors LPC43X0 Datasheet HTML 12Page - NXP Semiconductors LPC43X0 Datasheet HTML 13Page - NXP Semiconductors LPC43X0 Datasheet HTML 14Page - NXP Semiconductors LPC43X0 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
SRAM
Up to 136 kB
Flash
256/512 kB
Flash
256/512 kB
ROM
with ROM drivers
EEPROM
16 kB
MEMORY
Clock Generation Unit
12 MHz, 1% IRC OSC, 1-24 MHz
System OSC, System (CPU) PLL
Power Management Unit
Power saving modes, POR, BOD
ADC (2)
8 channel,10-bit
DAC
10-bit
System PLL
Windowed WDT
EMC
SD/MMC
Graphic LCD
CAN 2.0B (2)
UART (4)
I2S (2)
SSP/SPI (3)
I2C (2)
GPIO (146)
SGPIO
SPIFI
GPDMA
Ethernet MAC
32-bit Timers (4)
MCPWM
RTC
SCT
QEI
Alarm Timer
HS USB 2.0 (2)
USB PLL
Audio PLL
SYSTEM
TIMERS
ANALOG
INTERFACES
LPC43xx
ARM Cortex-M4
Up to 204 MHz
with NVIC, WIC, MPU,
Debug Trace (ETM/ETB)
Floating Point Unit
ARM Cortex-M0
Up to 204 MHZ, with NVIC
CORE
LPC4300: the
fastest Cortex-M
microcontroller
on the planet
(204 MHz)
Featured product
LPC43xx
4
Dual-core Cortex-M4/M0 operating at 204 MHz
4
Advanced peripherals: HS USB, Dual Host, on-chip
PHY, SCT, SGPIO
4
BGA256/180/100, LQFP208/144
4
Pin-compatible to LPC18xx


Similar Part No. - LPC43X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4300 NXP-LPC4300 Datasheet
285Kb / 2P
   First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
August 2011
LPC4300 NXP-LPC4300 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC4310 NXP-LPC4310 Datasheet
1Mb / 145P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4310 PHILIPS-LPC4310 Datasheet
2Mb / 149P
   32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC4310 NXP-LPC4310 Datasheet
285Kb / 2P
   First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
August 2011
More results

Similar Description - LPC43X0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
List of Unclassifed Man...
LPC1000 ETC1-LPC1000 Datasheet
6Mb / 153P
   Learn embedded programming with NXP?셲 LPC1000 family of Cortex-M0/M3 microcontrollers!
logo
NXP Semiconductors
PCF8885TS PHILIPS-PCF8885TS Datasheet
1Mb / 2P
   NXP capacitive proximity switches
April 2014
logo
DFI Inc
F8700 DFI-F8700 Datasheet
661Kb / 2P
   NXP i.MX8X Series Qseven
logo
Nuvoton Technology Corp...
W83627UHG NUVOTON-W83627UHG Datasheet
1Mb / 250P
   LPC I/O
logo
Winbond
W83697HF WINBOND-W83697HF_05 Datasheet
789Kb / 102P
   LPC I/O
logo
Nuvoton Technology Corp...
NCT5577D NUVOTON-NCT5577D Datasheet
3Mb / 327P
   LPC I/O
W83527HG NUVOTON-W83527HG Datasheet
1Mb / 170P
   LPC I/O
logo
Winbond
W83697UF WINBOND-W83697UF Datasheet
503Kb / 67P
   LPC I/O
W83637HF WINBOND-W83637HF Datasheet
936Kb / 149P
   LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com