Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS46R16160D-6BLA2 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS46R16160D-6BLA2
Description  8Mx32, 16Mx16, 32Mx8 256Mb DDR SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS46R16160D-6BLA2 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS46R16160D-6BLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS46R16160D-6BLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Integrated Silicon Solution, Inc.
1
Rev.  B
06/19/2012
Copyright©2012IntegratedSiliconSolution,Inc.Allrightsreserved.ISSIreservestherighttomakechangestothisspecificationanditsproductsatanytimewithout
notice.ISSIassumesnoliabilityarisingoutoftheapplicationoruseofanyinformation,productsorservicesdescribedherein.Customersareadvisedtoobtainthelat-
estversionofthisdevicespecificationbeforerelyingonanypublishedinformationandbeforeplacingordersforproducts.
IntegratedSiliconSolution,Inc.doesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcanreason-
ablybeexpectedtocausefailureofthelifesupportsystemortosignificantlyaffectitssafetyoreffectiveness.Productsarenotauthorizedforuseinsuchapplications
unlessIntegratedSiliconSolution,Inc.receiveswrittenassurancetoitssatisfaction,that:
a.)theriskofinjuryordamagehasbeenminimized;
b.)theuserassumeallsuchrisks;and
c.)potentialliabilityofIntegratedSiliconSolution,Incisadequatelyprotectedunderthecircumstances
IS43R83200D
IS43/46R16160D, IS43/46R32800D
FEATURES
• VDDandVDDQ:2.5V±0.2V
• SSTL_2compatibleI/O
• Double-dataratearchitecture;twodatatransfers
perclockcycle
• Bidirectional,datastrobe(DQS)istransmitted/
receivedwithdata,tobeusedincapturingdata
atthereceiver
• DQSisedge-alignedwithdataforREADsand
centre-alignedwithdataforWRITEs
• Differentialclockinputs(CKandCK)
• DLLalignsDQandDQStransitionswithCK
transitions
CommandsenteredoneachpositiveCKedge;data
anddatamaskreferencedtobothedgesofDQS
• Fourinternalbanksforconcurrentoperation
• DataMaskforwritedata.DMmaskswritedata
atbothrisingandfallingedgesofdatastrobe
• BurstLength:2,4and8
• BurstType:SequentialandInterleavemode
• ProgrammableCASlatency:2,2.5and3
• AutoRefreshandSelfRefreshModes
• AutoPrecharge
• TRASLockoutsupported(tRAP=tRCD)
OPTIONS
• Configuration(s):8Mx32,16Mx16,32Mx8
• Package(s):
144BallBGA(x32)
66-pinTSOP-II(x8,x16)and60BallBGA(x8,x16)
• Lead-freepackageavailable
• TemperatureRange:
Commercial(0°Cto+70°C)
Industrial(-40°Cto+85°C)
Automotive,A1(-40°Cto+85°C)
Automotive,A2(-40°Cto+105°C)
8Mx32, 16Mx16, 32Mx8 
256Mb DDR SDRAM
JUNE 2012
DEVICE OVERVIEW
ISSI’s256-MbitDDRSDRAMachieveshighspeeddata
transferusingpipelinearchitectureandtwodataword
accessesperclockcycle.The268,435,456-bitmemory
arrayisinternallyorganizedasfourbanksof64Mbto
allowconcurrentoperations.ThepipelineallowsRead
andWriteburstaccessestobevirtuallycontinuous,with
theoptiontoconcatenateortruncatethebursts.The
programmablefeaturesofburstlength,burstsequence
andCASlatencyenablefurtheradvantages.Thedevice
isavailablein8-bit,16-bitand32-bitdatawordsize
InputdataisregisteredontheI/Opinsonbothedges
ofDataStrobesignal(s),whileoutputdataisreferenced
tobothedgesofDataStrobeandbothedgesofCLK.
CommandsareregisteredonthepositiveedgesofCLK.
AnAutoRefreshmodeisprovided,alongwithaSelf
Refreshmode.AllI/OsareSSTL_2compatible.
KEY TIMING PARAMETERS
Speed Grade 
-5 
-6 
  Units   
FCkMaxCL=3
200
167
MHz
FCkMaxCL=2.5
200
167
MHz
FCkMaxCL=2
133
133
MHz
ADDRESS TABLE
Parameter
8M x 32
16M x 16
32M x 8
Configuration
2Mx32x4
banks
4Mx16x4
banks
8Mx8x4
banks
BankAddress
Pins
BA0,BA1
BA0,BA1
BA0,BA1
Autoprecharge
Pins
A8/AP
A10/AP
A10/AP
RowAddress
4K(A0–A11) 8K(A0–A12) 8K(A0–A12)
Column
Address
512(A0–A7,
A9)
512(A0–A8) 1K(A0–A9)
RefreshCount
Com./Ind./A1
A2
4K/64ms
4K/16ms
8K/64ms
8K/16ms
8K/64ms


Similar Part No. - IS46R16160D-6BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS46R16160B ISSI-IS46R16160B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6BLA1 ISSI-IS46R16160B-6BLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160B-6TLA1 ISSI-IS46R16160B-6TLA1 Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
IS46R16160F ISSI-IS46R16160F Datasheet
1Mb / 32P
   Auto Precharge
More results

Similar Description - IS46R16160D-6BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS83200J ISSI-IS42VS83200J Datasheet
430Kb / 16P
   32Mx8, 16Mx16, 8Mx32 256Mb Synchronous DRAM
IS43R83200B ISSI-IS43R83200B Datasheet
932Kb / 41P
   32Mx8, 16Mx16 256Mb DDR Synchronous DRAM
logo
Samsung semiconductor
K4X56163P-L SAMSUNG-K4X56163P-L Datasheet
523Kb / 20P
   16Mx16 Mobile DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622FLTP-5 HYNIX-HY5DU561622FLTP-5 Datasheet
185Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU561622FLTP-5I HYNIX-HY5DU561622FLTP-5I Datasheet
184Kb / 28P
   256M(16Mx16) DDR SDRAM
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com