Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKX-T3-D12 Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # OKX-T3-D12
Description  Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKX-T3-D12 Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  OKX-T3-D12 Datasheet HTML 1Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 2Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 3Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 4Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 5Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 6Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 7Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 8Page - Murata Power Solutions Inc. OKX-T3-D12 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PERFORMANCE DATA, OKX-T/3-D12-C
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 5V)
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 2.5V)
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 1.5V)
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 1.2V)
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 3.3V)
Efficiency vs. Line Voltage and Load Current @ +25°C
(VOUT = 1.8V)
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0
0.5
1
1.5
2
2.5
3
3.5
Load C urre nt (Amps)
VIN = 8.3V
VIN = 12V
VIN = 13.8V
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
0
0.5
1
1.5
2
2.5
3
3.5
Load C urre nt (Amps)
VIN = 8.3V
VIN = 12V
VIN = 13.8V
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
0
0.5
1
1.5
2
2.5
3
3.5
Load C urre nt (Amps)
VIN = 8.3V
VIN = 12V
VIN = 13.8V
0
0.5
1
1.5
2
2.5
3
3.5
68
70
72
74
76
78
80
82
84
86
88
90
92
94
Load C urre nt (Amps)
VIN = 8.3V
VIN = 12V
VIN = 13.8V
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
0
0.5
1
1.5
2
2.5
3
3.5
Load C urre nt (Amps)
VIN = 8.3V
VIN = 12V
VIN = 13.8V
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
0
0.5
1
1.5
2
2.5
3
3.5
Load C urre nt (Amps)
VIN = 8.3V
VIN = 12V
VIN = 13.8V
OKX-T/3-D12 Series
Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
MDC_OKX-T/3-D12 Series.A01 Page 5 of 15
www.murata-ps.com/support


Similar Part No. - OKX-T3-D12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKX-T3-W5 MURATA-PS-OKX-T3-W5 Datasheet
750Kb / 15P
   Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
More results

Similar Description - OKX-T3-D12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKX-T3-W5 MURATA-PS-OKX-T3-W5 Datasheet
750Kb / 15P
   Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
OKX-T5-W5 MURATA-PS-OKX-T5-W5 Datasheet
847Kb / 13P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
OKX-T5-D12 MURATA-PS-OKX-T5-D12 Datasheet
2Mb / 15P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
OKR-T3 MURATA-PS-OKR-T3_10 Datasheet
475Kb / 11P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
OKR-T3 MURATA-PS-OKR-T3 Datasheet
220Kb / 3P
   Adjustable Output 3-Amp SIP-mount DC/DC Converters
logo
Murata Manufacturing Co...
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
   Adjustable Non-isolated 10-Amp POLA DC/DC Converters
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
   Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com