Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74279391 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74279391
Description  WE-PBF Flat Wire High Current SMD Ferrite Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279391 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279391 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279391 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279391 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279391 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279391 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279391 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5.2
5.1
5.0
4.0
REV
2012-09-27
2012-06-27
2012-04-10
2007-10-01
DATE
SSt
SSt
SSt
SMu
BY
SMu
SSt
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PBF Flat Wire High Current SMD Ferrite
Bead
Order.- No.
74279391
SIZE
A4
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74279391

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74279390 WURTH-74279390 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279392 WURTH-74279392 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
More results

Similar Description - 74279391

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7427932 WURTH-7427932 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279392 WURTH-74279392 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427931 WURTH-7427931 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427930 WURTH-7427930 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
74279390 WURTH-74279390 Datasheet
1Mb / 6P
   WE-PBF Flat Wire High Current SMD Ferrite Bead
7427934 WURTH-7427934 Datasheet
694Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
003.000
7427933 WURTH-7427933 Datasheet
690Kb / 7P
   WE-PBF Flat Wire High Current SMT Ferrite Bead
002.000
744316560 WURTH-744316560 Datasheet
561Kb / 5P
   WE-HCI SMD Flat Wire High Current
7443082015 WURTH-7443082015 Datasheet
421Kb / 6P
   WE-HCM SMD High Current Flat Wire Inductor
74435580680 WURTH-74435580680 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com