Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-3EKF4992V Datasheet(PDF) 1 Page - International Rectifier

Part # ERJ-3EKF4992V
Description  USER GUIDE FOR IR3894 EVALUATION BOARD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF4992V Datasheet(HTML) 1 Page - International Rectifier

  ERJ-3EKF4992V Datasheet HTML 1Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 2Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 3Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 4Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 5Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 6Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 7Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 8Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IRDC3894-P1V2
12/22/2011
1
USER GUIDE FOR IR3894 EVALUATION BOARD
1.2Vout
DESCRIPTION
The
IR3894
is
a
synchronous
buck
converter,
providing
a
compact,
high
performance and flexible solution in a small
5mm X 6 mm Power QFN package.
Key features offered by the IR3894 include
internal Digital Soft Start/Soft Stop, precision
0.5Vreference
voltage,
Power
Good
,
thermal protection, programmable switching
frequency, Enable input, input under-voltage
lockout for proper start-up, enhanced line/
load regulation with feed forward, external
frequency
synchronization
with
smooth
clocking, smart internal LDO
and pre-bias
start-up.
Output over-current protection function is
implemented by sensing the voltage developed
across the on-resistance of the synchronous
rectifier MOSFET for optimum cost and
performance and the current limit is thermally
compensated.
This user guide contains the schematic and bill
of materials for the IR3894 evaluation board.
The guide describes operation and use of the
evaluation board itself. Detailed
application
information for IR3894 is available in the
IR3894 data sheet.
BOARD FEATURES
V
in = +12V (+ 13.2V Max)
•Vout = +1.2V @ 0- 12A
F
s=600kHz
L= 0.51uH
C
in= 4x10uF (ceramic 1206) + 1X330uF (electrolytic)
C
out=8x22uF (ceramic 0805)
SupIRBuckTM


Similar Part No. - ERJ-3EKF4992V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - ERJ-3EKF4992V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com