Electronic Components Datasheet Search |
|
ERJ-3GEY0R00V Datasheet(PDF) 2 Page - International Rectifier |
|
ERJ-3GEY0R00V Datasheet(HTML) 2 Page - International Rectifier |
2 / 14 page IRDC3894-P1V2 12/22/2011 2 CONNECTIONS AND OPERATING INSTRUCTIONS Table I. Connections Connection Signal Name VIN+ Vin (+12V) VIN- Ground of Vin Vout+ Vout(+1.2V) Vout- Ground for Vout Vcc+ Vcc/ LDO_out Pin Vcc- Ground for Vcc input Enable Enable PGood Power Good Signal Gnd Analog ground A well regulated +12V input supply should be connected to VIN+ and VIN-. A maximum of 12A load should be connected to VOUT+ and VOUT-. The input and output connections of the board are listed in Table I. IR3894 has only one input supply and internal LDO generates Vcc from Vin. If operation with external Vcc is required, then R15 can be removed and external Vcc can be applied between Vcc+ and Vcc- pins. Vin pin and Vcc/LDOout pins should be shorted together for external Vcc operation (use zero ohm resistor for R29). The output can track voltage at the Vp pin. For this purpose, Vref pin is to be connected to ground (use zero ohm resistor for R21). The value of R14 and R28 can be selected to provide the desired tracking ratio between output voltage and the tracking input. LAYOUT The PCB is a 4-layer board (2.23”x2”) using FR4 material. All layers use 2 Oz. copper. The PCB thickness is 0.062”. The IR3894 and other major power components are mounted on the top side of the board. Power supply decoupling capacitors, the bootstrap capacitor and feedback components are located close to IR3894. The feedback resistors are connected to the output at the point of regulation and are located close to the SupIRBuck IC. To improve efficiency, the circuit board is designed to minimize the length of the on-board power ground current path. |
Similar Part No. - ERJ-3GEY0R00V |
|
Similar Description - ERJ-3GEY0R00V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |