Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71E104KA01B Datasheet(PDF) 2 Page - International Rectifier

Part # GRM188R71E104KA01B
Description  USER GUIDE FOR IR3897 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E104KA01B Datasheet(HTML) 2 Page - International Rectifier

  GRM188R71E104KA01B Datasheet HTML 1Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 2Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 3Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 4Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 5Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 6Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 7Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 8Page - International Rectifier GRM188R71E104KA01B Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRDC3897-P1V2
12/8/2011
2
A well regulated +12V input supply should be connected to VIN+ and VIN-. A maximum of 4A load should be
connected to VOUT+ and VOUT-. The inputs and output connections of the board are listed in Table I.
IR3897 has only one input supply and internal LDO generates Vcc from Vin. If operation with external Vcc
is required, then R15 can be removed and external Vcc can be applied between Vcc+ and Vcc- pins. Vin pin
and Vcc/LDO_Out pins should be shorted together for external Vcc operation.
The output can track voltage at the Vp pin. For this purpose, Vref pin is to be connected to ground (use zero
ohm resistor for R21). The value of R14 and R20 can be selected to provide the desired tracking ratio
between output voltage and the tracking input.
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 4-layer board (2.23”x2”) using FR4 material. All layers use 2 Oz. copper. The PCB
thickness is 0.062”. The IR3897 and other major power components are mounted on the top side of the
board.
Power supply decoupling capacitors, the bootstrap capacitor and feedback components are located
close to IR3897. The feedback resistors are connected to the output at the point of regulation and are
located close to the SupIRBuck IC. To improve efficiency, the circuit board is designed to minimize the
length of the on-board power ground current path.
Table I. Connections
Connection
Signal Name
VIN+
Vin (+12V)
VIN-
Ground of Vin
Vout+
Vout(+1.2V)
Vout-
Ground for Vout
Vcc+
Vcc/ LDO_Out Pin
Vcc-
Ground for Vcc input
Enable
Enable
PGood
Power Good Signal
AGnd
Analog ground


Similar Part No. - GRM188R71E104KA01B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
GRM188R71E104KA01B IRF-GRM188R71E104KA01B Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - GRM188R71E104KA01B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com